Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LW010D Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # LW010D
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LW010D Datasheet(HTML) 4 Page - Lineage Power Corporation

  LW010D Datasheet HTML 1Page - Lineage Power Corporation LW010D Datasheet HTML 2Page - Lineage Power Corporation LW010D Datasheet HTML 3Page - Lineage Power Corporation LW010D Datasheet HTML 4Page - Lineage Power Corporation LW010D Datasheet HTML 5Page - Lineage Power Corporation LW010D Datasheet HTML 6Page - Lineage Power Corporation LW010D Datasheet HTML 7Page - Lineage Power Corporation LW010D Datasheet HTML 8Page - Lineage Power Corporation LW010D Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Output Current
(At IO < IO, min, the modules may
exceed output ripple specifications,
but operation is guaranteed.)
Note: On the Lx01xF, the output
voltage may exceed
specifications when
IO <IO, min.
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
0.35
0.25
0.15
0.12
0.10
0.2
0.15
0.1
0.08
0.06
0.1
0.06
0.05
3.0
3.0
3.0
1.25
1.0
2.0
2.42
2.0
0.83
0.67
1.0
0.42
0.33
A
A
A
A
A
A
A
A
A
A
A
A
A
Output Current-limit Inception
(VO = 90% VO, set; see Figures
12—14.)
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
7.5
6.5
5
3.1
2.5
7.0
5
4
2.5
2
4.0
2.5
2.5
A
A
A
A
A
A
A
A
A
A
A
A
A
Output Short-circuit Current
(VO = 0.25 V)
Lx015D
Lx015F
Lx015A
Lx015B
Lx015C
Lx010D, G*
Lx010F
Lx010A
Lx010B
Lx010C
Lx010AJ
Lx010BK
Lx010CL
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO
IO1, IO2
IO1, IO2
IO1, IO2
8.5
8.5
7.5
4.5
4.5
8
7.5
6
3.5
3.5
6.0
3.5
3.5
A
A
A
A
A
A
A
A
A
A
A
A
A
* For a 2.5 V output, use the 2 V output module (D code) with an output voltage trim pin (optional feature).
Table 2. Output Specifications (continued)
Parameter
Device Code
or Suffix
Symbol
Min
Typ
Max
Unit
Electrical Specifications (continued)


Similar Part No. - LW010D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LW010D MACOM-LW010D Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LW010D GE-LW010D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LW010D LINEAGEPOWER-LW010D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Similar Description - LW010D

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com