Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DV2057CTW Datasheet(PDF) 3 Page - Texas Instruments

Part # DV2057CTW
Description  Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DV2057CTW Datasheet(HTML) 3 Page - Texas Instruments

  DV2057CTW Datasheet HTML 1Page - Texas Instruments DV2057CTW Datasheet HTML 2Page - Texas Instruments DV2057CTW Datasheet HTML 3Page - Texas Instruments DV2057CTW Datasheet HTML 4Page - Texas Instruments DV2057CTW Datasheet HTML 5Page - Texas Instruments DV2057CTW Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
DV2057/C/T/W
TEMP+
BAT+
BAT-
J3
J2
Q1
FZT788B
D1
ZHCS1000
1
2
1
2
J1
DC+
As shipped:
RCOMP1 = open circuit
RCOMP2 = 0
Development Board
DV2057
DV2057C
DV2057T
DV2057W
bq2057SN or bq2057TS
bq2057CSN or bq2057CTS
bq2057TSN or bq2057TTS
bq2057WSN or bq2057WTS
Part Number
Notes:
DC-
1
2
RT1
C2
1
µF
C1
0.1
D2
R1
1.0k
RCOMP2
RCOMP1
R2
0.2
R4
3
R3
2K
LED
bq2057
SOIC
bq2057
TSSOP
U1A
U1B
COMP
CC
VSS
STAT
SNS
BAT
VCC
TS
COMP
CC
VSS
STAT
SNS
BAT
VCC
TS
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
RT2
1.5M
1.5M
INH
1
1
ZHCS1000 and FZT788B are made by Zetex, Inc.
4.
For use with a bipolar transistor: (Q1 is FZT788B)
R1 = 1.0k
R4 = open circuit
For use with a MOSFET: (Q1 is BSP171P (Infineon))
R1 = 100
R4 = 1.0k
3
2
2
2
DV2057/C/T/W Schematic


Similar Part No. - DV2057CTW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057C TI-DV2057C Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
More results

Similar Description - DV2057CTW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DV2057 TI-DV2057 Datasheet
325Kb / 5P
[Old version datasheet]   Advanced Li-Ion Charger Development System Control of On-Board Linear Regulator
logo
List of Unclassifed Man...
DV2054S2 ETC2-DV2054S2_14 Datasheet
892Kb / 5P
   Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator
DV2954S1L ETC2-DV2954S1L_14 Datasheet
858Kb / 5P
   Li-Ion Charger Development System
DV2954S1H ETC2-DV2954S1H_14 Datasheet
1Mb / 5P
   Li-Ion Charger Development System Control of On-Board PNP Switch-Mode Regulator with High-Side Current Sensing
DV2002L2 ETC2-DV2002L2_14 Datasheet
130Kb / 5P
   Fast Charge Development System Control of LM317 Linear Regulator
DV2003L1 ETC2-DV2003L1_14 Datasheet
1Mb / 6P
   Fast Charge Development System Control of On-Board Linear Current Regulator or External Current Source
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202 Datasheet
176Kb / 12P
   2A Li-Ion Linear Charger and Power Control
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com