Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2224E Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SF2224E
Description  1950 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2224E Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SF2224E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2224E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2224E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2224E Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2224E Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2010 by RF Monolithics, Inc.
SF2224E - 7/19/10
Filter Input Impedance
Filter Output Impedance


Similar Part No. - SF2224E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
More results

Similar Description - SF2224E

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235A TAI-SAW-TA0235A Datasheet
702Kb / 6P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856661 TRIQUINT-856661_15 Datasheet
298Kb / 5P
   1950 MHz SAW Filter
856678 TRIQUINT-856678_15 Datasheet
532Kb / 6P
   1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1397A TAI-SAW-TA1397A Datasheet
248Kb / 8P
   SAW Filter 1950 MHz BW60MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com