Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N06DB681K Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # N06DB681K
Description  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N06DB681K Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  N06DB681K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N06DB681K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N06DB681K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N06DB681K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N06DB681K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N06DB681K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
外形寸法 EXTERNAL DIMENSIONS
5
369
P.370
P.374
P.376
P.382
P.12
概略バリエーション AVAILABLE INDUCTANCE RANGE
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
セレクションガイド
Selection Guide
etc
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
EEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEEE
NP03S
f
1.8max.g
0.13
0.030
3.0
0.023
2.5
0.12
0.8
0.052
0.9
0.43
0.45
0.021
0.021
3.9
0.079
1.7
0.68
0.6
8.2
0.16
1A
10A
100A
1000A
3.7
0.1
1.6
0.83
0.55
0.16
0.44
0.32
0.38
0.066
0.9
0.036
1.3
1.2
0.37
0.64
0.062
0.019
4.2
1.4
0.84
0.45
0.075
0.019
4.6
2.0
0.70
0.64
7.1
0.18
0.066
0.028
3.9
2.2
0.35
1.05
3.1
0.34
0.069
0.023
4.0
2.2
0.49
0.82
4.4
0.27
P.390
高さ記号
BB
B
A
B, ZB
BBAB
Height code
L
5.9M0.3
7.3M0.3
4.0M0.2
5.0M0.2
5.0M0.2
5.9M0.3
7.0M0.3
9.0M0.2
f
0.232M0.012gf0.287M0.012gf0.157M0.008gf0.197M0.008gf0.197M0.008gf0.232M0.012gf0.276M0.012gf0.354M0.008g
W
6.1M0.3
7.5M0.3
4.0M0.2
5.0M0.2
5.0M0.2
6.1M0.3
7.5M0.3
10.6M0.2
f
0.240M0.012gf0.295M0.012gf0.157M0.008gf0.197M0.008gf0.197M0.008gf0.240M0.012gf0.295M0.012gf0.417M0.008g
H(max.)
2.8
3.2
1.8
3.0
2.0
2.8
3.2
6.0
5.0
f
0.110gf0.126gf0.071gf0.118gf0.079gf0.110gf0.126gf0.236gf0.197g
a
2.0M0.3
2.0M0.3
1.1M0.1
1.3M0.1
1.3M0.1
2.0M0.3
2.0M0.3
1.6M0.2
f
0.079M0.012gf0.079M0.012gf0.043M0.004gf0.051M0.004gf0.051M0.004gf0.079M0.012gf0.079M0.012gf0.063M0.008g
b
4.2M0.3
5.7M0.3
4.5M0.2
5.8M0.3
5.8M0.3
4.2M0.3
5.7M0.3
5.1M0.2
f
0.165M0.012gf0.224M0.012gf0.177M0.008gf0.228M0.012gf0.228M0.012gf0.165M0.012gf0.224M0.012gf0.201M0.008g
非シールド
磁気シールド
非シールド
Type
Non-Shielded type
Shielded type
Non-Shielded type
N05D
N06D
NP03S
NP04S
NP05DZ
NP06DZ
N08DP
Fig.
UnitDmmfinchg
推奨ランドパターン Recommended Land Patterns
UnitDmm
【N05D type】
1.7
1.7
2.5
3.5
【N06D type】
1.7
1.7
2.5
4.9
【N08D type】
3.5
3.5
2.5
4.2
【NP06DZ type】
6.2
4.9
1.7
6.2
Pattern
prohibition
belt
1.7
2.5
7.0
【NP05DZ type】
4.8
3.5
1.7
4.8
Pattern
prohibition
belt
1.7
2.5
5.9
【NP04S type】
45
【NP03S type】
45


Similar Part No. - N06DB681K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N060-001 TRIPPLITE-N060-001 Datasheet
156Kb / 2P
   1U Hinged Wall-Mount Patch Panel Bracket
N060-002 TRIPPLITE-N060-002 Datasheet
151Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket, TAA
N060-004 TRIPPLITE-N060-004 Datasheet
153Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket, TAA
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
   2U Hinged Wall-Mount Patch Panel Bracket
N060004 TRIPPLITE-N060004 Datasheet
471Kb / 2P
   4U Hinged Wall-Mount Patch Panel Bracket
More results

Similar Description - N06DB681K

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com