Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-19-2171 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 26-19-2171
Description  KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 17 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

26-19-2171 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  26-19-2171 Datasheet HTML 1Page - Molex Electronics Ltd. 26-19-2171 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
26-19-2171
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 17 Circuits,
Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-99020-0087 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
General
Product Family
PCB Headers
Series
3190
Application
Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800753735415
Physical
Breakaway
No
Circuits (Loaded)
17
Circuits (maximum)
17
Color - Resin
Natural
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
4.551/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
4.45mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Plating min - Mating
5.080µm
Plating min - Termination
5.080µm
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3190Series
Mates With
3069 KK® Crimp Terminal Housing, 3215
KK® 396 PC Board Connector


Similar Part No. - 26-19-2171

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-19-2171 MOLEX3-26-19-2171 Datasheet
238Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 17 Circuits
More results

Similar Description - 26-19-2171

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-19-2041 MOLEX11-26-19-2041 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 4 Circuits, Tin (Sn) Plating
26-19-2111 MOLEX11-26-19-2111 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 11 Circuits, Tin (Sn) Plating
26-19-2131 MOLEX11-26-19-2131 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 13 Circuits, Tin (Sn) Plating
26-19-2071 MOLEX11-26-19-2071 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 7 Circuits, Tin (Sn) Plating
26-19-2141 MOLEX11-26-19-2141 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 14 Circuits, Tin (Sn) Plating
26-19-2151 MOLEX11-26-19-2151 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 15 Circuits, Tin (Sn) Plating
26-19-2091 MOLEX11-26-19-2091 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 9 Circuits, Tin (Sn) Plating
26-19-2121 MOLEX11-26-19-2121 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 12 Circuits, Tin (Sn) Plating
26-19-2161 MOLEX11-26-19-2161 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 16 Circuits, Tin (Sn) Plating
26-19-2181 MOLEX11-26-19-2181 Datasheet
72Kb / 2P
   KK짰 396 Wire-to-Board Header, Vertical, Round Pin, with Polarizing Wall, 18 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com