Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

204818 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 204818
Description  SVA 10-polig EE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

204818 Datasheet(HTML) 1 Page - ERNI Electronics

  204818 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
( alle Löcher/
)
ø0.05
0,92
(
)
10,16
4 x 2,54 =
2,54
10,16
4 x 2.54 =
1)
2,54
0,7
0,7
7,62
12
Schichtaufbau im metallisierten Loch siehe Zeichnung 114124
diameter of drilled hole see drawing 114124
ø 1,0
Durchmesser des metallisierten Loches
ø 1,0
Diameter of finished plated-through hole
ø 1,15
Diameter of drilled hole
ø 1,15
Bohrungsdurchmesser des Loches
± 0,025
± 0,025
+ 0,09
- 0,06
1)
- 0,06
+ 0,09
Ident-Nr.
Gewinde
Part No.
thread
214779
214780
214781
214782
M3
M4
8-32UNC
6-32UNC
Leiterplatten Oberkante
Leiterplattenbohrbild
all holes
PCB drillhole pattern
Dieser Bereich muß gleiches
Potential auf LP-Oberfläche
haben
This area must have same
electrical potential
on surface of PCB
Scale
Designation
Tolerances
204818
SVA 10-polig EE
Power Bug 10pin EE
5:1
EPSVA
b
11.05.2006
I
All rights reserved.
Only for information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
Subject to modification without
prior notice.
Drawing will not be updated.
H:00057487.SZA
Date
Index
Information:
All Dimensions
in mm
www.ERNI.com


Similar Part No. - 204818

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2048 SCHURTER-2048 Datasheet
344Kb / 2P
   UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
logo
List of Unclassifed Man...
2048 ETC2-2048 Datasheet
133Kb / 1P
   DC/ACvoltage to 600V
logo
ERNI Electronics
204820 ERNI-204820 Datasheet
44Kb / 1P
   SVA 6-polig EE
204821 ERNI-204821 Datasheet
102Kb / 1P
   SVA 6 POLIG TL
logo
SICK AG
2048370 SICK-2048370 Datasheet
313Kb / 4P
   Mounting brackets and plates
More results

Similar Description - 204818

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100101180003 ERNI-100101180003 Datasheet
48Kb / 1P
   SVA 10-polig EE Power Bug 10 pin EE
100102710002 ERNI-100102710002 Datasheet
45Kb / 1P
   SVA 10-polig EE Power Bug 10 pin EE
204820 ERNI-204820 Datasheet
44Kb / 1P
   SVA 6-polig EE
100202710002 ERNI-100202710002 Datasheet
39Kb / 1P
   SVA 6-polig EE Power Bug 6 pin EE
100203210135 ERNI-100203210135 Datasheet
117Kb / 1P
   SVA 10-polig-Flachctecker
100100220002 ERNI-100100220002 Datasheet
33Kb / 1P
   SVA 10-polig TL
134988 ERNI-134988 Datasheet
117Kb / 1P
   SVA 10-POLIG-FLACHSTECKER
204821 ERNI-204821 Datasheet
102Kb / 1P
   SVA 6 POLIG TL
100103830001 ERNI-100103830001 Datasheet
32Kb / 1P
   SVA 6- polig TL
100103210119 ERNI-100103210119 Datasheet
32Kb / 1P
   SVA 6-polig TL Power Bug 6 pin TL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com