Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD57045TR-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD57045TR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57045TR-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD57045TR-E Datasheet HTML 1Page - STMicroelectronics PD57045TR-E Datasheet HTML 2Page - STMicroelectronics PD57045TR-E Datasheet HTML 3Page - STMicroelectronics PD57045TR-E Datasheet HTML 4Page - STMicroelectronics PD57045TR-E Datasheet HTML 5Page - STMicroelectronics PD57045TR-E Datasheet HTML 6Page - STMicroelectronics PD57045TR-E Datasheet HTML 7Page - STMicroelectronics PD57045TR-E Datasheet HTML 8Page - STMicroelectronics PD57045TR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
PD57045-E, PD57045S-E
4/20
Doc ID 12616 Rev 2
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
2.3
Moisture sensitivity level
Table 4.
Static
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0
IDS = 1 mA
65
V
IDSS
VGS = 0
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0
1
µA
VGS(Q)
VDS = 28 V
ID = 250 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.9
V
gFS
VDS = 10 V
ID = 4 A
2.0
2.7
mho
CISS
VGS = 0
VDS = 28 V
f = 1 MHz
86
pF
COSS
VGS = 0
VDS = 28 V
f = 1 MHz
47
pF
CRSS
VGS = 0
VDS = 28 V
f = 1 MHz
3.6
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 28 V IDQ = 250 mA
f = 945 MHz
45
W
GP
VDD = 28 V IDQ = 250 mA POUT = 45 W f = 945 MHz
13
14.5
dB
η D
VDD = 28 V IDQ = 250 mA POUT = 45 W f = 945 MHz
50
%
Load
mismatch
VDD = 28 V IDQ = 250 mA POUT = 45 W f = 945 MHz
All phase angles
10:1
VSWR
Table 6.
Moisture sensitivity level
Test methodology
Rating
J-STD-020B
MSL 3


Similar Part No. - PD57045TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57045 STMICROELECTRONICS-PD57045 Datasheet
91Kb / 8P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57045S STMICROELECTRONICS-PD57045S Datasheet
91Kb / 8P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
logo
List of Unclassifed Man...
PD57045S ETC1-PD57045S Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - PD57045TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
July 2009
PD54003-E STMICROELECTRONICS-PD54003-E_10 Datasheet
1Mb / 27P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com