Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3017 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3017
Description  High Efficiency Low-Side Controller with True Shutdown
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3017 Datasheet(HTML) 2 Page - Texas Instruments

  LM3017_14 Datasheet HTML 1Page - Texas Instruments LM3017_14 Datasheet HTML 2Page - Texas Instruments LM3017_14 Datasheet HTML 3Page - Texas Instruments LM3017_14 Datasheet HTML 4Page - Texas Instruments LM3017_14 Datasheet HTML 5Page - Texas Instruments LM3017_14 Datasheet HTML 6Page - Texas Instruments LM3017_14 Datasheet HTML 7Page - Texas Instruments LM3017_14 Datasheet HTML 8Page - Texas Instruments LM3017_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
30180903
LM3017
SNOSC66C – MARCH 2012 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
CONNECTION DIAGRAM
10-PIN VQFN
TOP VIEW
PIN DESCRIPTIONS
PIN
DESCRIPTION
FUNCTION
NAME
NO.
Output of internal regulator powering low side NMOS driver. A minimum of 0.47µF
VCC
1
Driver supply voltage pin
must be connected from this pin to PGND for proper operation.
Low-side NMOS gate driver
DR
2
Output gate drive to low side NMOS gate.
output
Ground for power section. External power circuit reference. Should be connected
PGND
3
Power Ground
to AGND at a single point.
High side NMOS gate driver
VG
4
Output gate drive to high side NMOS gate.
output
This input provides for chip enable, and mode selection. See functional description
EN/MODE
5
Multi-function input pin
for details.
Negative input to error amplifier. Connect to feed-back resistor tap to regulate
FB
6
Feed-back input pin
output.
A resistor and capacitor combination connected to this pin provides frequency
COMP
7
Compensation pin
compensation for the regulator control loop.
AGND
8
Analog Ground
Ground for analog control circuitry. Reference point for all stated voltages.
ISEN
9
Current sense input
Current sense input, with respect to Vin, for all current limit functions.
Input supply to regulator. See applications section for recommendations on bypass
VIN
10
Power Supply input pin
capacitors on this pin.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :LM3017


Similar Part No. - LM3017_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
More results

Similar Description - LM3017_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side Controller with True Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
   High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
   High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com