Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFB0948GHE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PFB0948GHE
Description  92 x 92 x 38 MM SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PFB0948GHE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PFB0948GHE Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PFB 92 x 92 x 38 MM SERIES
OUTLET SIDE
INLET SIDE
mm
(INCH)
UNIT:
UNIT :
(INCH)
mm
LABEL
105
http://www.deltaww.com
DIMENSIONS DRAWING
* Bearing Type
Ball Bearings
* Material
Impeller & Frame: Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive(+)
Black Wire Negative(-)
* Weight : 250g (8.82 oz)
P & Q CURVE (AT RATED VOLTAGE)
MOUNTING PANEL CUTOUT
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
PFB0912HHE
-R00 / -F00
12
7.0 to 13.2
0.33
3.96
3200
1.933
68.26
7.76
0.305
43.5
PFB0912VHE
-R00 / -F00
12
7.0 to 13.2
0.38
4.56
3800
2.287
80.77
10.88
0.428
46.2
PFB0912SHE
-R00 / -F00
12
7.0 to 13.2
0.55
6.60
4400
2.668
94.22
14.67
0.578
51.7
PFB0912EHE
-R00 / -F00
12
7.0 to 13.2
0.68
8.16
4800
2.936
103.67
17.56
0.691
54.0
PFB0924EHE
-R00 / -F00
24
14.0 to 26.4
0.33
7.92
PFB0948EHE
-R00 / -F00
48
28.0 to 56.0
0.21
10.08
PFB0912GHE
-R00 / -F00
12
7.0 to 13.2
1.22
14.64
6000
3.662
129.31
25.78
1.015
60.5
PFB0924GHE
-R00 / -F00
24
14.0 to 26.4
0.63
15.12
PFB0948GHE
-R00 / -F00
48
28.0 to 56.0
0.36
16.80
PFB0912UHE
-R00 / -F00
12
7.0 to 13.2
1.96
23.52
7000
4.347
153.52
36.79
1.449
64.0
PFB0924UHE
-R00 / -F00
24
14.0 to 26.4
1.02
24.48
PFB0948UHE
-R00 / -F00
48
28.0 to 56.0
0.60
28.80
PFB0912DHE
-R00 / -F00
12
7.0 to 13.2
3.10
37.20
8000
4.957
175.03
46.21
1.819
66.5
PFB0924DHE
-R00 / -F00
24
14.0 to 26.4
1.45
34.80
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.


Similar Part No. - PFB0948GHE

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PFB0948EHE DELTA-PFB0948EHE Datasheet
447Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0948UHE-F00 DELTA-PFB0948UHE-F00 Datasheet
374Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0948UHE-TP16 DELTA-PFB0948UHE-TP16 Datasheet
868Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - PFB0948GHE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB0912EHE ETC2-FFB0912EHE Datasheet
200Kb / 1P
   92 x 92 x 38 MM SERIES
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
   92 x 92 x 20 MM SERIES
AFB0924VH ETC2-AFB0924VH Datasheet
466Kb / 2P
   92 x 92 x 25.4 MM SERIES
3250J ETC2-3250J Datasheet
295Kb / 1P
   DC axial fans Series 3250 J 92 x 92 x 38 mm
3300N ETC2-3300N Datasheet
466Kb / 1P
   DC axial fans Series 3300 N 92 x 92 x 32 mm
logo
International Rectifier
SC070R015A5B IRF-SC070R015A5B Datasheet
215Kb / 5P
   SCHOTTKY DIE 70 X 92 MILS
logo
NTE Electronics
77-9225A120 NTE-77-9225A120 Datasheet
289Kb / 1P
   Fan, AC Types, 92 x 92mm
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
   60 x 60 x 38 MM SERIES
FFB0812SHE ETC2-FFB0812SHE Datasheet
110Kb / 1P
   80 x 80 x 38 MM SERIES
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com