Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA13845N Datasheet(PDF) 3 Page - Fuji Electric

Part # FA13845N
Description  CMOS IC(For Switching Power Supply Control)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA13845N Datasheet(HTML) 3 Page - Fuji Electric

  FA13845N Datasheet HTML 1Page - Fuji Electric FA13845N Datasheet HTML 2Page - Fuji Electric FA13845N Datasheet HTML 3Page - Fuji Electric FA13845N Datasheet HTML 4Page - Fuji Electric FA13845N Datasheet HTML 5Page - Fuji Electric FA13845N Datasheet HTML 6Page - Fuji Electric FA13845N Datasheet HTML 7Page - Fuji Electric FA13845N Datasheet HTML 8Page - Fuji Electric FA13845N Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FA13842, 13843, 13844, 13845
3
Current sensing section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Voltage gain
AV IS
Tj=25˚C
2.85
3
3.15
V/V
Maximum input signal
VTH IS
FB=0V
0.9
1.0
1.1
V
Input bias current
IIS
–1
–5
µA
Delay to output
TPD
Tj=25˚C, ISNS to OUT
150
300
ns
s Electrical characteristics (Vcc=15V, RT=10k
Ω, CT=3.3nF, Ta=25˚C)
Reference voltage section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VREF
Tj=25˚C, IL=1mA
4.75
5.00
5.25
V
Line regulation
LINE
Vcc=10 to 25V
±3
±20
mV
Load current regulation
LOAD
IL=0 to 20mA
±3
±25
mV
Temperature regulation
VTC
Ta=–25 to 85˚C
±0.3
mV/˚C
Output current at short-circuit
IOS
Tj=25˚C
60
mA
s Recommended operating conditions
Item
Symbol
Min.
Max.
Unit
Supply voltage
VCC
10
25
V
Oscillation timing capacitor
CT
0.47
10
nF
Oscillation timing resistor
RT
2.0
100
k
Oscillation frequency
fOSC
10
500
kHz
Oscillator section
Error amplifier section
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Input voltage
VFB
COMP=2.5V, Tj=25˚C
2.4
2.5
2.6
V
Input leak current
IFB
±2
µA
Open-loop gain
AV
65
72
dB
Unity gain bandwidth
fT
0.7
1
MHz
Output source current
ISOURCE
FB=2.3V, COMP=0V
–0.8
–1.0
mA
Output sink current
ISINK
FB=2.7V, COMP=1V
2
15
mA
Output voltage
VH COMP
FB=2.3V, RL=15k
Ω to GND
4.0
4.5
V
VL COMP
FB=2.7V, RL=15k
Ω to VREF
80
500
mV
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
Tj=25˚C
49
52
55
kHz
Ta=–25 to 85˚C
47
57
kHz
Voltage stability
fdv
Vcc=10 to 25V
±0.25
±1%
Temperature stability
fdt
Ta=–25 to 85˚C
–0.07
%/˚C
Oscillation amplitude
VOSC
Tj=25˚C
1.6
V
Discharge current
IDISCHG
Tj=25˚C
8.4
mA


Similar Part No. - FA13845N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13845 FUJI-FA13845 Datasheet
665Kb / 24P
   FUJI SWITCHING POWER SUPPLYCONTROL IC
More results

Similar Description - FA13845N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com