Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U0603C220JNT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # U0603C220JNT
Description  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U0603C220JNT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  U0603C220JNT Datasheet HTML 1Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 2Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 3Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U0603C220JNT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 4
27/04/06 V1.0
Performance
Item
Performance
Test or Inspection Method
External
Appearance
No defects which may affect
performance
Visual inspection and dimension measurement
Voltage Proof
Withstand test voltage without insulation
breakdown or other damage
DC Tested voltage shall be applied for 1 ~ 5 second.
Charge/discharge current shall not exceed 50mA (PS : Ra
- Rated Voltage)
Insulation Resistance
NPO:
100,000M
Ω minimum or R x C ≥1000Ω x
F (Which ever is smaller)
X7R, X5R, Y5V, Z5U:
10,000M
Ω minimum or R x C ≥ 1000Ω x
F (Which ever is smaller)
Apply DC tested voltage for 60 ±5 minute.
(PS : Ra - Rated Voltage)
Capacitance
(Cap.)
Within the specified tolerance
Measuring Frequency:
Z5U,Y5V, X7R, X5R : 1KHz ±50Hz
NPO:
>1000pF:1KHz ±50Hz.
≤1000pF:1MHz 100KHz.
Measuring Voltage:
Z5U:0.5Vrms.
NPO:
X7R, X5R, Y5V:1.0 ±0.2Vrms.
Dissipation Factor (D.F)
NPO:
≥30pF: Q ≥ 1000
<30pF: Q ≥ 400 + 20C
PS:C: Nominal Capacitance (pF)
X7R, X5R, Y5V, and Z5U : (Maximum
Value)
Code
Temperature Coefficient
NPO
X7R/X5R
Y5V
≤200V
2.5Ra
250V
2.0Ra
500V/630V
1.5Ra
≥1KV
1.5Ra
1.25Ra
-
Rated Voltage
DC Tested Voltage
<1KV
1.0 Ra
≥1KV
1KV
T.C.
≥≥
50V
25V
16V
≤≤10V
X7R/
X5R
2.5%
3.0%
3.5%
5.0%
Z5U
4.0%
-
-
-
Y5V
5.0%
7.5%
9.0% 12.5%


Similar Part No. - U0603C220JNT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U0603C220JCT ETC2-U0603C220JCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

Similar Description - U0603C220JNT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com