Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24H-R Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-R
Description  LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-R Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  KC24H-R Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. KC24H-R Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LED Driver
KC24H-R Series
2014.02.28-A/3
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
300~350
300~350
500~700
-40
0
40
85
120
71
Operating Temperature(℃)
Temperature Derating Curve
Fig. 1
KC24H-350R
KC24H-500R
KC24H-700R
75
80
85
90
95
100
0369
12
Output Voltage(V)
Vin=12V
KC24H-350R
KC24H-500R
KC24H-700R
70
80
90
100
3
6
9
12151821
Output voltage(V)
Vin=24V
KC24H-350R
KC24H-500R
KC24H-700R
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
33
36
Output voltage(V)
Vin=36V
KC24H-350R
KC24H-500R
KC24H-700R
50
60
70
80
90
100
3
6
9
12
15
18
21
24
27
30
33
36
Output voltage(V)
Vin=48V
Design Reference
1. Input/output relationship
Input
voltage(VDC)
Output voltage
range(VDC)
Constant
output current
(mA)
Output power
(W Max)
Input
voltage(VDC)
Output
voltage
range(VDC)
Constant
output current
(mA)
Output power
(W Max)
46
3.3-36.0
300
10.80
46
3.3-36.0
350
12.60
36
3.3-32.0
300
9.60
36
3.3-32.0
350
11.20
24
3.3-21.0
300
6.30
24
3.3-21.0
350
7.35
20
3.3-17.0
300
5.10
20
3.3-17.0
350
5.95
15
3.3-13.2
300
3.96
15
3.3-13.2
350
4.62
12
3.3-10.0
300
3.00
12
3.3-10.0
350
3.50
5.5
3.3-4.0
300
1.20
5.5
3.3-4.0
350
1.40
46
3.3-36.0
500
18.00
46
3.3-36.0
600
21.60
36
3.3-32.0
500
16.00
36
3.3-32.0
600
19.20
24
3.3-21.0
500
10.50
24
3.3-21.0
600
12.60
20
3.3-17.0
500
8.50
20
3.3-17.0
600
10.20
15
3.3-13.2
500
6.60
15
3.3-13.2
600
7.92
12
3.3-10.0
500
5.00
12
3.3-10.0
600
6.00
5.5
3.3-4.0
500
2.00
5.5
3.3-4.0
600
2.40


Similar Part No. - KC24H-R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-1000 MORNSUN-KC24H-1000 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X1 MORNSUN-KC24H-1000X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X2 MORNSUN-KC24H-1000X2 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X3 MORNSUN-KC24H-1000X3 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1200X1 MORNSUN-KC24H-1200X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
More results

Similar Description - KC24H-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com