Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24H-300R Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-300R
Description  LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-300R Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  KC24H-300R Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-300R Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-300R Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-300R Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-300R Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. KC24H-300R Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LED Driver
KC24H-R Series
2014.02.28-A/3
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Input
voltage(VDC)
Output voltage
range(VDC)
Constant
output current
(mA)
Output power
(W Max)
Input
voltage(VDC)
Output
voltage
range(VDC)
Constant
output current
(mA)
Output power
(W Max)
46
3.3-36.0
700
25.20
--
--
--
--
36
3.3-32.0
700
22.40
--
--
--
--
24
3.3-21.0
700
14.70
--
--
--
--
20
3.3-17.0
700
11.90
--
--
--
--
15
3.3-13.2
700
9.24
--
--
--
--
12
3.3-10.0
700
7.00
--
--
--
--
5.5
3.3-4.0
700
2.80
--
--
--
--
2. Typical application circuit
1st LED
Last LED
KC24H-xxxRX3
+Vin
GND
1
4
3
6
5
(PWM Dim/ ON/ OFF)
2
(Analogu e Dim)
+Vout
-Vout
Fig. 2 Application circuits in series
1st LED
Last LED
6
5
KC24H-xxxRX 3
+Vin
GND
4
1
2
(PWM Dim/ ON/ OFF)
3
(Analo gue Dim)
+Vout
-Vout
PTC
PTC
Fig. 3 Application circuits in series and parallel
If it is necessary to protect LED in actual application, you could connect a PTC to the input of every channel or all channels, as shown in
Figure 4.
Note: The negative output terminal can’t connect GND, or the module may be damaged.
3. Recommended AC input circuit
1st LED
Last LED
KC24H-xxxRX3
5
6
AC IN
1
4
+
-
+Vout
-Vout
3
(PWM Dim/ON/OFF)
-
+
5VAC
~
32VAC
AC IN
2
(Analogue Dim)
C1
C2
D1
D4
D2
D3
Fig. 4
Components
Specification
C1
X1 Safety capacitor,
0.1μF /300VAC (QIYA)
C2
100μF /63V Electrolytic capacitor,
Φ
10×16(Flat surface)NCC
D1, D2, D3, D4
Rectifier diode
1N4007 1A/1000V D0-41(PANJIT)
4. EMC solution-recommended circuit
KC24H-xxxRX 3
+Vin
GND
Tvs
C1
C2
C3
C4
C5
L1
+Vout
-Vout
C6
R1
DIM*
1
4
6
2
5
1st LED
Last LED
Fig.5 Recommended EMC circuit
Note: Add circuit ① may let the ESD level of PWM-control pin reach to ±6KV.
Components
Specification
Tvs
SMC51A,1500W(ON)
L1
CD53-82μH(CEAIYA)
C1
470μF/100V(NCC)
C2
225K/50V 1210 X7R (TORCH)
C3
104K/50V 0805 X7R (TORCH)
C4
105K/50V 1210 X7R (TORCH)
C5
102K/2000V 1210 (TDK)(choose or no)
C6
470pF/100V 0805 (TORCH)
R1
680Ω 0805(can replaced by
inductance or magnetic bead)


Similar Part No. - KC24H-300R

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-1000 MORNSUN-KC24H-1000 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X1 MORNSUN-KC24H-1000X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X2 MORNSUN-KC24H-1000X2 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1000X3 MORNSUN-KC24H-1000X3 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
KC24H-1200X1 MORNSUN-KC24H-1200X1 Datasheet
360Kb / 5P
   CONSTANT CURRENT HIGH POWER LED DRIVER
More results

Similar Description - KC24H-300R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com