Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24RT Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # KC24RT
Description  CONSTANT CURRENT GREAT POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24RT Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  KC24RT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24RT -XXX
2012.02.26-A/4
Page 1 of 5
KC24RT Series
CONSTANT CURRENT GREAT POWER LED DRIVER
RoHS
FEATURES
PRODUCT PROGRAM
Input Voltage(V)
Output
Model
Normal
Range
Voltage
(VDC)
Current
(mA)
Dimming
control
Efficiency
(%)
KC24RT-300
24
5.5-48
3.3-36
0-300
PWM+Analogue
96
KC24RT-350
24
5.5-48
3.3-36
0-350
PWM+Analogue
96
KC24RT-500
24
5.5-48
3.3-36
0-500
PWM+Analogue
96
KC24RT-600
24
5.5-48
3.3-36
0-600
PWM+Analogue
96
KC24RT-700
24
5.5-48
3.3-36
0-700
PWM+Analogue
96
SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Units
Utmost input voltage
≤10 seconds
5
55
Recommended input voltage
5.5
24
48
VDC
Input filter
Capacitor(1
μF)
Output voltage range
Vin=48V
3.3
36
Input-Output voltage drop
Vin=5.5~48V,1~10LEDs
2
4
VDC
Output current range
See the product program
Output current accuracy
± 2
±5
Output current stability
Vin=48V, Vo=3.3V~36V
±1
%
Internal power dissipation
Vin=24V,5LEDS
700
mW
Temperature coefficient
-40
°C to+71 °C ambient
± 0.015
%/
°C
Efficiency at full load
96
%
Ripple & Noise (Vp-p)
120
mV
Short circuit protection
Continuous,
automatic recovery
300mA / 350mA
-40
85
Operating temperature range
500mA/ 600mA/ 700mA
-40
71
Storage temperature range
-55
125
Maximum case temperature
100
°C
Maximum capacitive Load
1000
μF
Operating frequency range
320
370
420
kHz
MTBF
MIL-HDBK-217F(+25
°C)
2,000,000
Hours
Case Material
Epoxy Resin (UL94-V0)
Dimensions
23.86*18.10*8.00
mm
Weight
6
g
PWM Dimming and ON/OFF Control (leave open if not used)
ON
Open or 2.8V<Vc<6V
Remote ON/OFF
OFF(shutdown)
Vc<0.6V
Remote pin current
Vc=5V
1
mA
Quiescent input current
Vin=24V, Vc <0.6V
(shutdown)
400
μA
PWM frequency
200
Hz
Analogue dimming (leave open if not used)
Input voltage range
Vin=5.5-48V
0-15V
Output current range
Vin=5.5-48V
0%-100%
Full on
0.2V
±50mV
Control voltage range
Full off
4.5V
±200mV
Driving current
Vc=5V
0.6mA(max)
EMC
EMI conducted
EN55015 power port ( Refer to Figure 6)
RFI conducted
EN55015
CISPR22
class B ( Refer to Figure 6)
ESD
IEC/EN 61000-4-2
level 2 contact
±4KV perf. Criteria B ( Refer to Figure 6)
R/S
IEC/EN 61000-4-3
level 3
(10V/m)
perf. Criteria A
EFT
IEC/EN 61000-4-4
level 2
(
±1KV)
perf. Criteria B ( Refer to Figure 6)
Surge
IEC/EN 61000-4-5
level 2
(
±1KV)
perf. Criteria B ( Refer to Figure 6)
l SMD Package, simple and
convenient
l High efficiency up to 96%
l Ultra wide range voltage input and
output
l Constant current mode, great power
output
l AC-DC, EMC recommended circuit
l PWM dimming & Analogue dimming
l Remote ON/OFF, Continuous short
circuit protection
l RoHS and UL Compliance
APPLICATIONS
The KC24RT is a series of step-down
constant current source designed for driving
high power LEDs. It features high efficiency,
wide input voltage range, high operating
temperature, PWM and analogue dimming,
remote ON/OFF control, and SMD package
which facilitates the installation. It is widely
used in LED illumination areas such as
decorative
light,
special
control
light,
backlight,
commercial
light,
streetlight,
in-house light and car light, etc.
MODEL SELECTION
KC24RT-350
P rodu ct S eri es
O u tpu t C u rrent
P ac kag e S tyle
Inpu t Vo l tage
MORNSUN Science & Technology Co.,Ltd.
Address:
No.
5,
Kehui
St.
1,
Kehui
development
center,
Science
Ave.,
Guangzhou
Science
City,
Luogang
district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
C/S
IEC/EN 61000-4-6
level 3
(10Vr.ms)
perf. Criteria A


Similar Part No. - KC24RT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24RT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24W-300K MORNSUN-KC24W-300K Datasheet
438Kb / 4P
   CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com