Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24RT Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # KC24RT
Description  CONSTANT CURRENT GREAT POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24RT Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  KC24RT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24RT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24RT -XXX
2012.02.26-A/4
Page 3 of 5
ANALOGUE DIMMING CONTROL AND APPLICATION EXAMPLE
1st LED
Last LED
KC24RT-XXX
+Vin
GND
5K1
5K6
On/Off
(Optional)
0-10V
16
1
9
8
7
10
0%
1 0 0%
Voltage Control(0-15V max)
0.2V
1V
2V
3V
4V
5V
15V
Analogue Input Voltage
(Figure 3)
Analogue dimming circuit
(Figure 4) Analogue input voltage VS output
EMC RECOMMENDED CIRCUIT
1st LED
Last LED
KC24RT-XXX
+Vin
GND
16
1
7
9
8
470F
μ
1.0F
μ
(P W M D im /O N /O FF)
10
( An a log u e D im)
+Vout
-Vout
+
1.25mH
2.2F
μ
1.0F
μ
SMCG51
(Figure 5) EMI/RFI conducted EN55022 recommended circuit
+
Vin
GND
+Vout
-Vout
Lo ad
Tvs
C0
C1
C2
C3
R1
LCM
VIN
DIM
GND
VO+
VO-
2
DIM *
1
(Figure 6) EMI/EMC recommended circuit
Note:
1.
DIM pin is the module
’s PWM dimming pin as shown in Figure 6.
2.
While adding circuit
,it may extend the PWM dimming output reaction time.
EMI/EMC standard:
Item
Standard
Level
Predicate
Remark
EMI
conducted
EN 55015
Power
port
Qualification
Add external circuit ①
ESD
IEC
61000-4-2:2001
Level 2
B
±4KV
Add external circuit ②
Surge
IEC
61000-4-5:2004
Level 2
B
±1KV
Add external circuit ①
EFT
IEC
61000-4-4:2004
Level 2
B
±1KV
Add external circuit ①
Recommended parameter:
Components
Specifications
Tvs
SMCJ48A,1500W(Bringtking)
LCM
6.8
μH CD43(CEAIYA)
C0
470
μF/50V(CapXon)
C1
4.7
μF/50V 1210 (TORCH)
C2
2.2
μF/50V 1210 (TORCH)
C3
470pF/100V
0805 (TORCH)
R1
680
Ω 0805(can replaced by
inductance or magnetic bead)


Similar Part No. - KC24RT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24RT

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24W-300K MORNSUN-KC24W-300K Datasheet
438Kb / 4P
   CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com