Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24H-1000X3 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-1000X3
Description  CONSTANT CURRENT HIGH POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-1000X3 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  KC24H-1000X3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-1000X3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-1000X3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-1000X3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-1000X3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
KC24H
A/1-2012
Page 4 of 5
OUTLINE DIMENSIONS,RECOMMENDED FOOTPRINT & PACKAGING
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT
Note:
Unit :mm(inch)
General tolerances:
± 0.50mm[ ±0.020inch]
L=530mm[20.866inch] Tube Quantity: 16pcs
L=220mm[8.661inch]
Tube Quantity: 6pcs
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
(Front View)
0.50 [0.020]
Note:
Unit: mm[inch]
Pin
tolerances:
± 0.10mm[ ± 0.004inch]
General tolerances:
±0.25mm[ ± 0.010inch]
diameter
FOOTPR IN T D ETA ILS
Pin
Fu ncti on
Note:Grid 2.54*2.54mm.
2
3
4
9
11
22
21
16
14
1.00 [0.039]
23
23.70[0.930]
8.30[0.330]
(Bott om View)
31.70[1.250]
2.54[0.100]
2
3
4
9
11
14
16
21 22 23
22.86[0.90]
12.7[0.50]
2,3
9,11
4
14,16
21
GND
22,23
ON /OFF/PWM
+Vin
AN ALOGU E D IMMING
+LED
-LED
Co mments
DC Supply
Leave open i f not u se
D o not co nnect to -LED
L ED C athode conne cti on
LED Anode co nnection
Leave open i f not u se
DESIGN & APPLY CONSIDERATIONS
1) Typical Application Circuits
1st LED
Last LED
KC24H-xxxX3
+Vin
GND
22,23
2,3
4
14,16
9,11
(PWM D im/ ON /OFF)
21
(Analogue D im)
+LED
-LED
1st LED
Last LED
14,16
9,11
KC24H-xxxX3
+Vin
GND
22,23
2,3
4
(PWM Di m/ON /OFF)
21
(Analogue D im)
+LED
-LED
2xNPN
0.5~1
Ω
(Figure 3)
Series Application
(Figure 4) Parallel-series Application
Note:
1. If input>40V, the input port must add an external capacitor (≥47
μF/100V),to protect the module from damaged by voltage spikes.
2.
“-LED” can’t connect GND, or the module may be damaged.
3. The module is a step-down driver, please refer to
“Input VS Output” at page 3.
4. When the mode works in the high-voltage input-area and 1LED load, it is normal about Frequency hopping because of small duty cycle. Output current
is constant. Not affect the normal use.
2) Digital Dimming Control
PWM Digital Control Signal
0
1
0
1
0
1
0
1
0
1
PWM Digital Control Signal
PWM Digital Control Signal
Output Current
Output Current(LED appears bright)
Output Current(LED appears dim)


Similar Part No. - KC24H-1000X3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-300R MORNSUN-KC24H-300R Datasheet
335Kb / 6P
   LED Driver
KC24H-350R MORNSUN-KC24H-350R Datasheet
335Kb / 6P
   LED Driver
KC24H-500R MORNSUN-KC24H-500R Datasheet
335Kb / 6P
   LED Driver
KC24H-600R MORNSUN-KC24H-600R Datasheet
335Kb / 6P
   LED Driver
KC24H-700R MORNSUN-KC24H-700R Datasheet
335Kb / 6P
   LED Driver
More results

Similar Description - KC24H-1000X3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com