Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24AH-700 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # KC24AH-700
Description  PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24AH-700 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  KC24AH-700 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24AH-700 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24AH-700 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24AH -XXX
A/4-2012
Page 1 of 3
KC24AH Series
PWM DIM CONSTANT CURRENT OUTPUT
LED DRIVER
RoHS
FEATURES
PRODUCT PROGRAM
Input Voltage(V)
Output
Part
Number
Nominal
Range
Voltage
(VDC)
Current
(mA)
Dimming
control
Efficiency
(%,max)
KC24AH-300
24
6.5-36
2-30
0-300
PWM
96
KC24AH-350
24
6.5-36
2-30
0-350
PWM
96
KC24AH-500
24
6.5-36
2-30
0-500
PWM
96
KC24AH-600
24
6.5-36
2-30
0-600
PWM
96
KC24AH-700
24
6.5-36
2-30
0-700
PWM
96
COMMON SPECIFICATIONS
Item
Test condition
Min.
Typ.
Max.
Units
Utmost input voltage
≤10 seconds
5.5
40
Recommended input voltage
6.5
24
36
VDC
Input filter
Capacitor(2
μF)
Output voltage range
Vin=36V
2
30
Input-output voltage drop
4.5
6.5
VDC
Output current range
See the selection guide ,while Vin-Vout>4.5V
Output current accuracy
Vin=24V, 5 LEDS
±7
±12
Output current stability
Vin=24V, 1LED to 5 LEDS
±8
±15
%
Temperature coefficient
-40
°C to+71 °C ambient
± 0.03
%/
°C
Efficiency at full load
96
%
Short circuit protection
Continuous
300mA / 350mA
-40
85
Operating temperature range
500mA/ 600mA/ 700mA
-40
71
Storage temperature range
-55
125
Maximum case temperature
100
°C
Maximum capacitive Load
470
μF
MTBF
MIL-HDBK-217F(+25
°C)
2,000,000
Hours
Case Material
Plastic (UL94-V0)
Dimensions
22.8*10.2*9.5
mm
Weight
3.5
g
PWM Dimming and ON/OFF Control (let it open if not use)
ON
Open or 2.8V<Vc<6V
Rem ote ON/OFF
OFF(shutdown)
Vc<0.6V
Rem ote pin current
Vc=5V
1
mA
Quiescent input current in
Shutdown mode
Vin=24V, Vc <0.6V
400
μA
PWM frequency
0.2
10
KHz
● High efficiency up to 96%
● Constant current output
● Power LED driver
● Wide input voltage range
● PWM dimming
Remote ON/OFF
● Short circuit protection
APPLICATIONS
The KC24AH Series is a step-down constant
current source designed for driving high power
LEDs. The output currents available are 300mA,
350mA, 500mA, 600mA, 700mA. The KC24AH
series is fully featured with very high efficiency,
wide input voltage range, high ambient operating
temperature,PWM dimming and Remote ON/OFF.
MODEL SELECTION
KC24AH-350
P r o d u c t S e r i es
O u tp u t C u rr e nt
P a ck a g e S ty le
Inpu t Vo l tage
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - KC24AH-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH-700 MORNSUN-KC24AH-700 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24AH-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
logo
SHENZHEN FUMAN ELECTRON...
FM6153K FUMAN-FM6153K Datasheet
678Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153S FUMAN-FM6153S Datasheet
701Kb / 17P
   16-channel PWM constant current output LED driver IC
FM6153Q FUMAN-FM6153Q Datasheet
628Kb / 16P
   16-channel PWM constant current output LED driver IC
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
Mean Well Enterprises C...
PWM-200 MEANWELL-PWM-200 Datasheet
698Kb / 8P
   200W Constant Voltage PWM Output LED Driver
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com