Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24H-1200X1 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-1200X1
Description  CONSTANT CURRENT HIGH POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-1200X1 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  KC24H-1200X1 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-1200X1 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-1200X1 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-1200X1 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-1200X1 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
KC24H
A/1-2012
Page 2 of 5
Weight
--
13
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Operating Humidity
--
--
95
Storage Humidity
--
--
95
%
Operating Temperature
Power derating (above 71℃)
-40
--
85
Storage Temperature
-55
--
125
Lead Temperature
1.5mm from case for 10 seconds
--
--
265
°C
Cooling
Free air convection
PWM DIMMING AND REMOTE ON/OFF CONTROL
Item
Test Conditions
Min.
Typ.
Max.
Unit
ON
Open or 2.8V<Vc<6V
Remote ON/OFF
OFF(shutdown)
Vc<0.6V
voltage
Vin=24V, 5LED
--
3.3
--
V
Isink
Vc=5V
--
--
1
mA
Remote
pin
Isourse
Vc<0.6V
--
1
--
Quiescent input current
Vin=24V, Vc <0.6V (shutdown)
--
400
--
μA
PWM frequency*
--
--
200
Hz
* Refer to
“Digital Dimming Control” at page 4.
ANALOG DIMMING
Input voltage range
Vin=5.5-48V
0-15V
Output current range
Vin=5.5-48V
0%-100%
Full on
0.2V
±50mV
Control voltage range
Full off
4.5V
±200mV
Driving current
Vc=5V
0.6mA(max)
EMC
CE
CISPR22/EN55022
CLASS B
EN55015 power port
EMI
RE
CISPR22/EN55022
CLASS B
ESD
IEC/EN 61000-4-2
Contact
±4KV perf. Criteria B
RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN 61000-4-4
±2KV
perf. Criteria B (Refer to Figure 1)
Surge
IEC/EN 61000-4-5
±2KV
perf. Criteria B (Refer to Figure 1)
CS
IEC/EN 61000-4-6
3Vr.ms
perf. Criteria B
EMS
Voltage dips,short and interruptions immunity
IEC/EN 61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
(PWM Dim/ON/OFF)
(Analogue Dim)
FUSE
MOV
LDM
14,16 +LED
9,11 -LED
1st LED
Last LED
(Figure 1)
EMC recommended circuit
Recommended parameter(Table 1)
Components
Specifications
FUSE
Choose according to practical
input current
MOV
10D560
TVS
SMC54A
LDM
56
μH
C0
120
μF/63V
AC INPUT RECOMMENDED CIRCUIT
1st LED
Last LED
KC24H-xxxxX3
9 ,11
14,16
AC IN
22,23
2,3
+
-
+LED
-LED
4
(PWM Dim/ON/OFF)
-
+
9VAC
~
32VAC
AC IN
21
(Analogue Di m)
C1
C2
D1
D4
D2
D3
(Figure 2)
AC input recommended circuit
Recommended parameter(Table 2)
Components
Specifications
C1
X1 Safety capacitor,
0.1
μF/3000VAC
C2
100
μF/100V
Electrolytic capacitor
D1,D2,D3,D4
Rectifier diode
2A/200V


Similar Part No. - KC24H-1200X1

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-300R MORNSUN-KC24H-300R Datasheet
335Kb / 6P
   LED Driver
KC24H-350R MORNSUN-KC24H-350R Datasheet
335Kb / 6P
   LED Driver
KC24H-500R MORNSUN-KC24H-500R Datasheet
335Kb / 6P
   LED Driver
KC24H-600R MORNSUN-KC24H-600R Datasheet
335Kb / 6P
   LED Driver
KC24H-700R MORNSUN-KC24H-700R Datasheet
335Kb / 6P
   LED Driver
More results

Similar Description - KC24H-1200X1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com