Electronic Components Datasheet Search |
|
KC24H-500R Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd. |
|
KC24H-500R Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd. |
5 / 6 page LED Driver KC24H-R Series 2014.02.28-A/3 Page 5 of 6 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation 5. PWM dimming control PWM Control Signal 0 1 0 1 0 1 0 1 0 1 PWM Control Signal Output Current Output Current(LED turned on) Output Current(LED turned off) PWM Control Signal For PWM dimming signals with a certain frequency, the output current of the driver is related to the duty ratio of PWM signal. Refer to the formula for the calculation method: T Io_norm Io_set = (DT-0.8) Where, Io_set represents required output current (mA); D represents the duty ratio (%) of PWM signal; T represents the period (ms) of PWM signal; and Io_norm represents the rated output value (mA) of the driver. Note: The above formula is for reference only; and deviation of output current may exist due to various loads. The min. conducted time of PWM signal shallnot be less than 0.8ms, or the product will be in abnormal operation; in case of low voice from the driver during PWM dimming, it is normal since the PWM dimming frequency is within the auditory frequency range of human ears (20Hz-20KHz in general). To prevent seeing flash of the LED by human eyes, it is suggested to set the PWM dimming frequency between 100-200Hz. PWM curve(Vin=24V,5LEDs): KC24H-350RX3 KC24H-500RX3 KC24H-700RX3 50 100 150 200 250 300 350 400 10 30 50 70 90 100 120 140 150 170 190 200 220 250 PWM Dimming Frequency (Hz) Fig. 6 Output current VS PWM dimming frequency (D=50%) KC24H-350RX3 KC24H-500RX3 KC24H-700RX3 0 100 200 300 400 500 600 20 30 40 50 60 70 80 Dimming Duty Ratio (%) Fig. 7 Output current VS Dimming duty ratio(f=200Hz) 6. Analogue dimming and typical application 1st LED Last LED KC24H-xxxRX3 +Vin GND 15K 6K8 On/Off (Optional) 0-10V 1 4 6 5 3 2 Fig. 8 Analogue dimming circuit Voltage Control(0-15V max) Analogue Input Voltage 0.2V 1V 2V 3V 4V 5V 15V 0% 100% Fig. 9 Analogue input voltage and output current 7. The voltage drop of all LEDs in the datasheet is 3.3-3.8V,during actual application, the number of LEDs can be confirmed based on the actual voltage drop and output voltage of LEDs. 8. This product does not support hot-Plug use. 9. For more information Please find the application notes on www.mornsun-power.com |
Similar Part No. - KC24H-500R |
|
Similar Description - KC24H-500R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |