Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24H-1200X2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # KC24H-1200X2
Description  CONSTANT CURRENT HIGH POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24H-1200X2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  KC24H-1200X2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24H-1200X2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24H-1200X2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24H-1200X2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24H-1200X2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
KC24H
A/1-2012
Page 1 of 5
KC24H Series
CONSTANT CURRENT HIGH POWER LED DRIVER
RoHS
PART NUMBER SYSTEM
KC24H-1000X3
Pr oduct Series
O utput Cu rrent
Package Style
Input Volt age
F oo tprint Det ails
PRODUCT FEATURES
l 1,000/1,200mA output current
l Efficiency up to 97%
l Ultra-wide range voltage (input and output)
l Constant current mode, high power output
l PWM dimming & Analogue dimming
l Remote ON/OFF, Continuous short circuit
protection
l Meets EN55015 without external circuit
APPLICATIONS
The KC24H Series is a step-down constant current
source designed for driving high power LEDs. It features
high efficiency, wide input voltage range, high operating
temperature,
PWM
and
analogue
dimming,
remote
ON/OFF control. It is widely used in LED illumination areas
such as decorative light, special control light, backlight,
commercial light, streetlight, in-house light and car light, etc.
SELECTION GUIDE
Input
Voltage(VDC)
Input Current
(mA)(typ.)
Model Number
Nominal
(Range)
Output
Voltage
(VDC)
(Range)
Output
Current
(mA)
@Vin=24V,Vo=17V
Dimming control
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max. Load
Approval
KC24H-1000(X1/X2/X3)
1000
740
PWM+Analogue
97
KC24H-1200(X1/X2/X3)
24(5.5-48)
3.3-36
1200
892
PWM+ Analogue
1000
97
RoHS
Note:
1.
The types without suffix, such as KC24H-1000 are eight-pin products without analogue dimming+PWM dimming function.
2.
The types with suffix X1,such as KC24H-1000X1 are nine-pin products with analogue dimming function only.
3.
The types with suffix X2,such as KC24H-1000X2 are nine-pin products with PWM dimming function only.
4.
The types with suffix X3,such as KC24H-1000X3 are ten-pin products with analogue dimming+PWM dimming function.
INTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
5.5
24
48
Utmost Input Voltage
≤10 seconds
5
--
55
Minimum Input-Output voltage drop Input Voltage Range
2
--
4
VDC
Input Filter
π Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Io=1000mA
3.3
--
36
Output Power
Io=1200mA
3.96
--
43.2
W
Output Current Accuracy
--
±3
±5
Output Current Stability
--
±0.5
±1
%
Temperature Drift
Full load
--
--
±0.05
%/
°C
Ripple & Noise*
20MHz Bandwidth
--
70
200
mVp-p
Over Temperature Protection
After Cooling, Automatic Recovery
Short Circuit Protection
Continuous, Automatic Recovery
*Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Switching Frequency
--
370
--
KHz
MTBF
MIL-HDBK-217F@25℃
650
--
--
K hours
Case Material
Plastic(UL94-V0)


Similar Part No. - KC24H-1200X2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24H-300R MORNSUN-KC24H-300R Datasheet
335Kb / 6P
   LED Driver
KC24H-350R MORNSUN-KC24H-350R Datasheet
335Kb / 6P
   LED Driver
KC24H-500R MORNSUN-KC24H-500R Datasheet
335Kb / 6P
   LED Driver
KC24H-600R MORNSUN-KC24H-600R Datasheet
335Kb / 6P
   LED Driver
KC24H-700R MORNSUN-KC24H-700R Datasheet
335Kb / 6P
   LED Driver
More results

Similar Description - KC24H-1200X2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com