Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24RT-700 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # KC24RT-700
Description  CONSTANT CURRENT GREAT POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24RT-700 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  KC24RT-700 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24RT -XXX
2012.02.26-A/4
Page 4 of 5
AC INPUT RECOMMENDED CIRCUIT
1st LED
Last LED
KC24RT-XXX
8
9
AC IN
16
1
+
-
+Vout
-Vout
7
(PWM Dim/ON/OFF)
-
+
5VAC
~
32VAC
AC IN
+
-
10
(Analogue Dim)
0.1F
Optional
μ
100 F~330F
μμ
(Figure 7) AC input recommended circuit
TYPICAL TEMPERATURE CURVE
RECOMMENDED REFLOW SOLDERING PROFILE
Operating Temp.(
)
C
Temperature Derating Graph
0
50
100
150
200
250
Ti me (sec.)
60
Max
(> 220 C)
Sec
220 C
10
Max
Sec
Peak.Temp 240 C
Remark: The curve applies only to the hot air reflow soldering.
CHARACTERISTICS CURVE
Vin=12V
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
Output Voltage(V)
KC24RT-300
KC24RT-350
KC24RT-500
KC24RT-600
KC24RT-700
Vin=24V
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
Output voltage(V)
KC24RT-300
KC24RT-350
KC24RT-500
KC24RT-600
KC24RT-700
Vin=36V
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
27
30
33
36
Output voltage(V)
KC24RT-300
KC24RT-350
KC24RT-500
KC24RT-600
KC24RT-700
Vin=48V
20
30
40
50
60
70
80
90
100
0
3
6
9 12 15 18 21 24 27 30 33 36
Output voltage(V)
KC24RT-300
KC24RT-350
KC24RT-500
KC24RT-600
KC24RT-700


Similar Part No. - KC24RT-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24RT-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24W-300K MORNSUN-KC24W-300K Datasheet
438Kb / 4P
   CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com