Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC24RT-700 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # KC24RT-700
Description  CONSTANT CURRENT GREAT POWER LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

KC24RT-700 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  KC24RT-700 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. KC24RT-700 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
KC24RT -XXX
2012.02.26-A/4
Page 2 of 5
INPUT VS OUTPUT
Input
voltage
(VDC)
Output
voltage
range(VDC)
Output
constant
current (mA)
Output
power
(W Max)
Input
voltage
(VDC)
Output voltage
range(VDC)
Output constant current (mA)
Output power
(W Max)
48
3.3-36.0
300
10.80
48
3.3-36.0
350
12.60
36
3.3-32.0
300
9.60
36
3.3-32.0
350
11.20
24
3.3-21.0
300
6.30
24
3.3-21.0
350
7.35
20
3.3-17.0
300
5.10
20
3.3-17.0
350
5.95
15
3.3-13.2
300
3.96
15
3.3-13.2
350
4.62
12
3.3-10.0
300
3.00
12
3.3-10.0
350
3.50
5.5
3.3-4.0
300
1.20
5.5
3.3-4.0
350
1.40
48
3.3-36.0
500
18.00
48
3.3-36.0
600
21.60
36
3.3-32.0
500
16.00
36
3.3-32.0
600
19.20
24
3.3-21.0
500
10.50
24
3.3-21.0
600
12.60
20
3.3-17.0
500
8.50
20
3.3-17.0
600
10.20
15
3.3-13.2
500
6.60
15
3.3-13.2
600
7.92
12
3.3-10.0
500
5.00
12
3.3-10.0
600
6.00
5.5
3.3-4.0
500
2.00
5.5
3.3-4.0
600
2.40
48
3.3-36.0
700
25.20
36
3.3-32.0
700
22.40
24
3.3-21.0
700
14.70
20
3.3-17.0
700
11.90
15
3.3-13.2
700
9.24
12
3.3-10.0
700
7.00
5.5
3.3-4.0
700
2.80
TYPICAL APPLICATION CIRCUITS
1st LED
Last LED
KC24RT-XXX
+Vin
GND
16
1
7
9
8
(PWM D im/ ON /OFF)
10
(Analogue D im)
+Vout
-Vout
1st LED
Last LED
9
8
KC24RT-XXX
+Vin
GND
16
1
7
(PWM Dim/ON/OFF)
10
(Analogue Dim)
+Vout
-Vout
(Figure 1)
Series Application
(Figure 2) Parallel-series Application
If it is necessary to protect LED in actual application, you could connect a PTC to the input of every channel or all channels, as shown in
Figure 2.
Note: The negative output terminal can
’t connect GND, or the module may be damaged.
DIGITAL DIMMING CONTROL
PWM Digital Control Signal
0
1
0
1
0
1
0
1
0
1
PWM Digital Control Signal
PWM Digital Control Signal
Output Current
Output Current(LED appears bright)
Output Current(LED appears dim)
For the rated frequency PWM dimming, the output current of driver matters to the pulse width of the PWM signal, and the numerate please refer to
the following formula:
T
Io_norm
Io_set =
(DT-0 .6)
Io_set refers to the expected output current value.
Io_norm refers to the rated output current
D refers to the pulse width of the PWM signal
T refers to the cycle of the PWM signal
Note: The formula only supplies as a reference, and the output current may be a little deviation with different load. The Ton(min) of PWM signal
must be greater than 0.7ms, or the driver can
’t be operated normally. It is natural for the driver to generate an audibly noise in dimming
process, because the frequency of the control circuit is within human audibly range (20Hz~20KHz). In order to avoid the human eye can
observe the LED flashes, the PWM dimming frequency is recommended to set above 100Hz.


Similar Part No. - KC24RT-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24AH MORNSUN-KC24AH Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-300 MORNSUN-KC24AH-300 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
90Kb / 2P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
KC24AH-350 MORNSUN-KC24AH-350 Datasheet
261Kb / 3P
   PWM DIM CONSTANT CURRENT OUTPUT LED DRIVER
More results

Similar Description - KC24RT-700

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
KC24W-300K MORNSUN-KC24W-300K Datasheet
438Kb / 4P
   CONSTANT CURRENT GREAT POWER BUCK LED DRIVER
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com