Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB1224ZP-3WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # WRB1224ZP-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB1224ZP-3WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  WRB1224ZP-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB1224ZP-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB1224ZP-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB1224ZP-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB1224ZP-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB1224ZP-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
WRA_ZP-3WR2 & WRB_ZP-3WR2 Series
2014.04.14-A/3
Page 5 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Parameter description:
Model
Vin:5V
Vin:12V
Vin:24V
Vin:48V
FUSE
Slow blown fuses according to the actual input current selections of the clients
MOV
--
S14K25
S14K35
S14K60
C0
1000μF
1000μF330μF/50V
330μF/100V
C1
4.7μF/50V
4.7μF/100V
LDM1
12μH
C2
4.7μF/50V
4.7μF /100V
C3
10μF
CY1
1nF/2KV
Note: ①.Part ① in the Fig. 3 is used for EMS test and part ② for EMI filtering, selected based on needs.
.If there is no recommended parameters, the model no require the external component.
EMC solution-recommended circuit PCB layout
Dual
Single
Fig. 4
Note: Note: the min. distance of the bonding pads between input grounding and output grounding shall be ≥ 2mm.
4. Input current
When the electricity is provided by the unstable power supply, please make sure that the range of the output voltage fluctuation and the
ripple voltage of the power supply do not exceed the indicators of the modules. Input current of power supply should afford the flash startup
current ofthis kind ofDC/DC module(see Fig. 5).
Generally: Vin=5V
Iave =1400mA
Vin=12V
Iave=620mA
Vin=24V
Iave=310mA
Vin=48V
Iave =150mA
Input Voltage (V)
Input Voltage
scope
Iave
Fig. 5
5. For more information please find DC-DC converter application notes on www.mornsun-power.com


Similar Part No. - WRB1224ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB1224ZP-6W MORNSUN-WRB1224ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - WRB1224ZP-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com