Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB4815MT-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRB4815MT-3W
Description  SINGLE OUTPUT , DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB4815MT-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRB4815MT-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB4815MT-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB4815MT-3W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB4815MT-3W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB4815MT-3W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB4815MT-3W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRF_MT-3W
2013.06.26-A/1
Page 2 of 6
Models ON
Ctrl open or be insulated
Ctrl*
Models OFF
Connect high level voltage,and ensure the current into Ctrl to be 5-10mA
Note: *Please refer to "DESIGN CONSIDERATIONS" as the direction for use of Ctrl .
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
5% to 100% load
--
±1
±3
No-load Output Voltage Accuracy
Input voltage range
--
±1.5
±5
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.2
±0.8
%
Transient Recovery Time
--
0.5
3
ms
Transient Response Deviation
25% load step change
--
±2.5
±5
%
Temperature coefficient
100% load
--
±0.02
±0.03
%/
°C
Ripple*
--
30
45
Noise*
20MHz Bandwidth
--
45
100
mVp-p
Output Short Circuit Protection
Input voltage range
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute, leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,100KHz/0.1V
--
35
45
pF
Switching Frequency(PFM Mode) 100% load, Nominal Input voltage
--
250
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
4.8
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above85℃,see Figure 5)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure1-② or Figure 3)
EMI
RE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure1-② or Figure 3)
ESD
IEC/EN61000-4-2
Contact
±4KV/ Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(Recommended Circuit Refer to Figure1-①)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(Recommended Circuit Refer to Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
(Recommended Circuit Refer to Figure1-① or Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B


Similar Part No. - WRB4815MT-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB4815CKS-1W MORNSUN-WRB4815CKS-1W Datasheet
156Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
WRB4815CS-1W MORNSUN-WRB4815CS-1W Datasheet
326Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB4815CS-2W MORNSUN-WRB4815CS-2W Datasheet
277Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB4815D-10W MORNSUN-WRB4815D-10W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRB4815LT-3W MORNSUN-WRB4815LT-3W Datasheet
114Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
More results

Similar Description - WRB4815MT-3W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com