Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5332P Datasheet(PDF) 3 Page - Fuji Electric

Part # FA5332P
Description  Bipolar IC For Power Factor Correction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5332P Datasheet(HTML) 3 Page - Fuji Electric

  FA5332P Datasheet HTML 1Page - Fuji Electric FA5332P Datasheet HTML 2Page - Fuji Electric FA5332P Datasheet HTML 3Page - Fuji Electric FA5332P Datasheet HTML 4Page - Fuji Electric FA5332P Datasheet HTML 5Page - Fuji Electric FA5332P Datasheet HTML 6Page - Fuji Electric FA5332P Datasheet HTML 7Page - Fuji Electric FA5332P Datasheet HTML 8Page - Fuji Electric FA5332P Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FA5331P(M)/FA5332P(M)
3
Current error amplifier section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage
VTH IDET
VDET=0V
–––030
60
mV
VFB=Vr, Rn=30
Input bias current
IBC
IDET=0V
–350
–230
–350
–250
–150
µA
Open-loop voltage gain
AVC
80
80
dB
Output voltage
VOC+
No load
3.5
3.8
3.5
3.8
V
VOC–
50
200
50
200
mV
Output source curent
IOC+
VIFB=0V
–900
–900
µA
Reference voltage section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Output voltage
VREF
4.8
5.0
5.2
4.8
5.0
5.2
V
Voltage variation 1 (by supply voltage variation)
VRDV
VCC=10 to 30V
25
25
mV
Voltage variation 2 (by load change)
VRDT
IOR=0.1 to 2mA
2
2
5
mV
Multiplier section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VDET terminal input voltage
VMVDET
0
2.0
0
2.4
V
VFB terminal input voltage
VMVFB
1.5
3.5
1.5
3.5
V
Output current
IM
VIIN–=0V
–65
–65
µA
Output voltage coefficient
K
–1.0
–1.0
Pulse width modulation circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Maximum duty cycle
DMAX
89
92
95
89
92
95
%
Soft-start circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage
VTHCSO
Duty cycle=0%
0.1
0.1
V
VTHCSM
Duty cycle=DMAX
3.55
3.55
V
Charge current
ICHG
CS terminal=0V
–10
–10
µA
Output circuit section
Item
Symbol
Test condition
FA5331P(M)
FA5332P(M)
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Output voltage
VOL
IO=100mA
1.3
1.8
1.3
1.8
V
VOH
IO=–100mA
15.5
16.5
15.5
16.5
V
VCC=18V
Rise time
tr
No load
300
300
ns
Fall time
tr
No load
200
200
ns


Similar Part No. - FA5332P

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FA530 FOX-FA530 Datasheet
372Kb / 2P
   3.3V HCMOS Automotive Grade SMD Oscillator
logo
Fuji Electric
FA5301 FUJI-FA5301 Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5301BPN FUJI-FA5301BPN Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA5332P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP Datasheet
308Kb / 41P
   Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500_1 Datasheet
1Mb / 22P
   Digital Power Factor Correction IC
logo
Rohm
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Princeton Technology Co...
PT5634 PTC-PT5634 Datasheet
373Kb / 4P
   Power Factor Correction Control IC
PT5634A PTC-PT5634A Datasheet
356Kb / 4P
   Power Factor Correction Control IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
logo
Cirrus Logic
CS1500 CIRRUS-CS1500 Datasheet
842Kb / 22P
   Digital Power Factor Correction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com