Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3475 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3475
Description  Hysteretic PFET Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475 Datasheet(HTML) 1 Page - Texas Instruments

  LM3475_14 Datasheet HTML 1Page - Texas Instruments LM3475_14 Datasheet HTML 2Page - Texas Instruments LM3475_14 Datasheet HTML 3Page - Texas Instruments LM3475_14 Datasheet HTML 4Page - Texas Instruments LM3475_14 Datasheet HTML 5Page - Texas Instruments LM3475_14 Datasheet HTML 6Page - Texas Instruments LM3475_14 Datasheet HTML 7Page - Texas Instruments LM3475_14 Datasheet HTML 8Page - Texas Instruments LM3475_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
VOUT = 2.5V/2A
CIN
COUT
RFB1
RFB2
L1
D1
Q1
10 PF
100 PF
10 PH
1k
2.15k
Si2343
LM3475
VIN
EN
GND
PGATE
FB
1
2
3
4
5
CFF
1 nF
VIN = 5V
LM3475
www.ti.com
SNVS239A – OCTOBER 2004 – REVISED JANUARY 2005
LM3475 Hysteretic PFET Buck Controller
Check for Samples: LM3475
1
FEATURES
DESCRIPTION
2
Easy to Use Control Methodology
The LM3475 is a hysteretic P-FET buck controller
0.8V to VIN Adjustable Output Range
designed to support a wide range of high efficiency
High Efficiency (90% Typical)
applications in a very small SOT-23-5 package. The
hysteretic control scheme has several advantages,
±0.9% (±1.5% Over Temp) Feedback Voltage
including simple system design with no external
100% Duty Cycle Capable
compensation, stable operation with a wide range of
Maximum Operating Frequency up to 2MHz
components, and extremely fast transient response.
Hysteretic
control
also
provides
high
efficiency
Internal Soft-Start
operation, even at light loads. The PFET architecture
Enable Pin
allows for low component count as well as 100% duty
SOT-23-5 Package
cycle and ultra-low dropout operation.
APPLICATIONS
TFT Monitor
Auto PC
Vehicle Security
Navigation Systems
Notebook Standby Supply
Battery Powered Portable Applications
Distributed Power Systems
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3475_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results

Similar Description - LM3475_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com