Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRE2405S-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRE2405S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRE2405S-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRE2405S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. WRE2405S-1WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-1WR2 & WRF_S-1WR2
2013.07.25-A/3
Page 1 of 7
WRE_S - 1WR2 & WRF_S-1WR2 Series
1WWIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
Patent Protected
RoHS
PART NUMBER SYSTEM
WRF2405S-1WR2
Product Series
Input Voltage
Output Voltage
Package Style
Rated Pow er
FEATURES
● Ultra-Miniature SIP Package
● 2:1 wide input voltage range
● Operating temperature range: -40°C ~ +85°C
● 3KVDC isolation
● Short circuit protection(automatic recovery)
● External On/Off control
● High Power Density
APPLICATION
The WRE_S-1WR2 & WRF_S-1WR2 Series are specially
designed for applications where a wide range input voltage power
supplies are isolated from the input power supply in a distributed
power supply system on a circuit board. For these DC-DC
converters, You can reduce the design point of failure and save the
development of micro power supply
‘s manpower, material and
time costs, also better ensure product quality stability, protect
safety and reliability of the end of products.
These products apply to where:
1)
Input voltage range
≤2:1;
2)
Input and output isolation
≤3KVDC;
3)
Regulated and low ripple noise is required.
Such as: industrial control, telecommunication etc.
SELECTION GUIDE
Input Voltage(VDC)
Output Current (mA)
Input Current (mA)(typ.)
Model
Nominal
(Range)
Max.
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load
(
µF)
Efficiency
(%, typ.)
@Max.
Load
WRE0505S-1WR2
±5
±100
±5
274
1000
73
WRE0512S-1WR2
±12
±42
±2
263
470
76
WRE0515S-1WR2
±15
±33
±2
267
330
75
WRF0505S-1WR2
5
200
10
278
2200
72
WRF0512S-1WR2
12
83
4
263
1000
76
WRF0515S-1WR2
5
(4.5-9)
11
15
67
3
267
25
30
680
75
WRE1205S-1WR2
±5
±100
±5
107
1000
78
WRE1212S-1WR2
±12
±42
±2
103
470
81
WRE1215S-1WR2
±15
±33
±2
104
330
80
WRF1203S-1WR2
3.3.
303
15
112
2700
75
WRF1205S-1WR2
5
200
10
108
2200
77
WRF1209S-1WR2
9
111
6
106
1800
79
WRF1212S-1WR2
12
83
4
104
1000
80
WRF1215S-1WR2
12
(9-18)
20
15
67
3
104
12
40
680
80
WRE2405S-1WR2
±5
±100
±5
52
1000
80
WRE2412S-1WR2
±12
±42
±2
52
470
80
WRE2415S-1WR2
±15
±33
±2
52
330
80
WRF2403S-1WR2
3.3
303
15
56
2700
75
WRF2405S-1WR2
5
200
10
54
2200
77
WRF2412S-1WR2
12
83
4
51
1000
81
WRF2415S-1WR2
15
67
3
53
680
79
WRF2424S-1WR2
24
(18-36)
40
24
42
2
54
6
55
470
77
WRE4805S-1WR2
±5
±100
±5
27
1000
76
WRE4812S-1WR2
±12
±42
±2
26
470
80
WRE4815S-1WR2
±15
±33
±2
26
330
80
WRF4803S-1WR2
3.3
303
15
28
2700
75
WRF4805S-1WR2
48
(36-75)
80
5
200
10
27
4
70
2200
76


Similar Part No. - WRE2405S-1WR2

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
WRE2405S-1W REICU-WRE2405S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRE2405S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com