Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB4803S-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # WRB4803S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB4803S-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  WRB4803S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. WRB4803S-1WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_S-1WR2 & WRB_S-1WR2
2013.07.25-A/3
Page 3 of 7
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV (Recommended Circuit Refer to Figure1-①)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV (Recommended Circuit Refer to Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV (Recommended Circuit Refer to Figure1-① or Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
L D M2
C0
TVS
LD M1
MOV
FU SE
C1
+
Vin
G ND
+ Vo
-Vo
( 0V)
EUT
L O AD
C2
CY
C trl
Cd
D1
R
C trl
Vin
G ND
(Figure1)
Recommended external circuit param eters:
Model
Vin:5V
Vin:12V
Vin:24V
Vin:48V
FUSE
Slow blow ,choose according to practical input current
MOV
--
--
S14K35
S14K60
LDM1
--
--
56
μH
56
μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ90A
C0
680
μF/16V
680
μF/25V
330
μF/50V
330
μF/100V
C1
4.7
μF/50V
4.7
μF/100V
LDM2
12
μH
C2
4.7
μF/50V
4.7
μF/100V
CY
1nF/2KV
D1
RB160M-60/1A
R
Follows:
300
-
0
.
1
-
-
C
D
C
I
V
V
R =
Cd
47nF/100V
Note:1. In Figure 1, part ① is the recommended external circuit for EMS , and part ② is for EMI .Choose according to requirements.
2. VC is between Ctrl and GND, VD is the forward conduction voltage drop of D1, IC is the current through Ctrl pin which is normally 5-10mA, the external circuit of
Ctrl is as shown in figure1-③.
3. If there is no recommended parameters, no external component is required.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 2)
Note: The pad space between input and output GND (CY) must be
≥2mm.


Similar Part No. - WRB4803S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB4803S-1WR2 MORNSUN-WRB4803S-1WR2 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - WRB4803S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com