Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB2415S-3WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # WRB2415S-3WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB2415S-3WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  WRB2415S-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. WRB2415S-3WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_S-3WR2 & WRB_S-3WR2
2013.07.22-A/3
Page 4 of 7
EMC MODULE APPLICATION CIRCUIT
EUT
GND
C trl
-Vo
+ Vo
-Vin
+Vin
FT-A /BX 1D
Lo ad
-Vo
(0V)
+Vo
Vin
Cd
D1
R
C trl
C
+
-V in
+V in
FU SE
FT-A/BX1D is MORNSUN
’s EFT suppresser
For Nominal Voltage<48V, C
≥330uF/50V
For Nominal Voltage =48V, C
≥330uF/100V
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT FIGURE1-②)
WRA2415S-3WR2 CE(Class B, Positive line)
WRA2415S-3WR2 CE(Class B, Negative line)
WRB1205S-3WR2 CE(Class B, Positive line)
WRB1205S-3WR2 CE(Class B, Negative line)
PRODUCT TYPICAL PERFORMANCE CURVE
Tolerance Envelope Graph
120
100
80
60
40
20
0
-40
0
40
85 10 5120
Output Curren t Percent (%)
Ambient Temp. ()
Temperature Derating Graph
Safe Operating Area
(Figure 5)


Similar Part No. - WRB2415S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRB2415S-3WR2 RSG-WRB2415S-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRB2415S-3WR2 RSG-WRB2415S-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
More results

Similar Description - WRB2415S-3WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com