Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRB4812P-3WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # WRB4812P-3WR2
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRB4812P-3WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  WRB4812P-3WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRB4812P-3WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRB4812P-3WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRB4812P-3WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRB4812P-3WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRB4812P-3WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
WRA_P- 3WR2 & WRB_P- 3WR2 Series
2014.04.04-A/4
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Isolation Capacitance
Input-output, 100KHz/0.1V
--
120
--
pF
Operating Temperature
Derating if the temperature is ≥85°C(seeFig.1)
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Hand Soldering
Welding spot is 1.5mm away from the casing, 10
seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency(PFM
mode)
100% load, nominal input voltage
--
200
--
KHz
MTBF
MIL-HDBK-217F@25°C1000
--
--
K hours
Physical Specifications
Casing Material
Plastic(UL94-V0)
Dimensions
31.60*20.30*10.20 mm
Weight
14g(Typ.)
Cooling
Free convection
EMC Specifications
EMI
Conducted emission
CISPR22/EN55022 CLASS A(Bare component)/CLASS B (see Fig.3-② for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS A(Bare component)/CLASS B (see Fig.3-② for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±4KV/ Air ±8KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV (see Fig.3-①for recommended circuit)
perf. Criteria B
Conducted disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
120
100
80
60
40
20
0
-40
0
40
85 105 120
Environment Temperature.( )
Temperature Derating Cu rve
Safe Operation Area
Fig. 1
WRA2415P-
3WR2
60
65
70
75
80
85
90
95
100
18
21
24
27
30
33
36
Input Voltage(V)
Efficiency Vs input Voltage (Full Load)
WRA2415P-
3WR2
20
30
40
50
60
70
80
90
100
10
20
30
40
5060708090 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)


Similar Part No. - WRB4812P-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRB4812P-3WR2 RSG-WRB4812P-3WR2 Datasheet
617Kb / 6P
   WRBP-3WR2
More results

Similar Description - WRB4812P-3WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com