Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRF2412S-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # WRF2412S-1WR2
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRF2412S-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  WRF2412S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. WRF2412S-1WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-1WR2 & WRF_S-1WR2
2013.07.25-A/3
Page 4 of 7
EMC MODULE APPLICATION CIRCUIT
E UT
GND
C trl
-Vo
+ Vo
-Vin
+ Vin
-Vo
+ Vo
-Vin
+ Vin
F T- A/BX 1D
L oad
-Vo
(0V)
+Vo
V in
Cd
D1
R
C trl
-Vin
+ Vin
F S- A0 1D
FU SE
FS-A01D,FT-A/BX1D are MORNSUN
’s EFT suppressers
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT FINGURE 1-②)
WRE2405S-1WR2 CE(Class B, Positive line)
WRE2405S-1WR2 CE(Class B, Negative line)
WRF2405S-1WR2 CE(Class B, Positive line)
WRF2405S-1WR2 CE(Class B, Negative line)
PRODUCT TYPICAL PERFORMANCE CURVE
Tolerance Envelope Graph
120
100
80
60
40
20
0
-40
0
40
85 105 120
Output Curren t Percent (%)
Amb ient Temp. ()
Temperature Derating Graph
Safe Op eratin g Area
(Figure 5)


Similar Part No. - WRF2412S-1WR2

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
WRF2412S-1W REICU-WRF2412S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRF2412S-1WR2

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com