Electronic Components Datasheet Search |
|
FA7612CP Datasheet(PDF) 1 Page - Fuji Electric |
|
FA7612CP Datasheet(HTML) 1 Page - Fuji Electric |
1 / 7 page FA7610CP(N)/FA7612CP(N)/FA7617CP(N) 1 s Description The FA7610CP(N), 7612CP(N) and 7617CP(N) are bipolar ICs containing basic circuits necessary for PWM-type switching power supply control. To minimize the number of external discrete components, the FA7610CP(N) is provided for a flyback or step-up power- supply circuit, the FA7612CP(N) for a step-down power-supply circuit and FA7617CP(N) for a flyback power supply circuit. s Features FA7610CP(N) • For flyback transformer-type or step-up power-supply circuit (maximum output duty = 64% typical) • Totem-pole predriver • PWM-type switching power supply control • Low-voltage operation (VCC = 3.6 to 22V) • Latch-mode short-circuit protection function (no malfunction by noise) • Soft-start function • Undervoltage lockout function • One capacitor shared for short circuit protection and for soft- start to minimize the number of external discrete components FA7612CP(N) • For step-down power-supply circuit (maximum output duty = up to 100%) • Open collector output • PWM-type switching power supply control • Low-voltage operation (VCC = 3.6 to 22V) • Latch-mode short-circuit protection function (no malfunction by noise) • Soft-start function • Undervoltage lockout function • One capacitor shared for short circuit protection and for soft- start to minimize the number of external discrete components FA7617CP(N) • For flyback transformer-type power-supply circuit (maximum output duty = 67% typical) • Open collector output • PWM-type switching power supply control • Low-voltage operation (VCC = 3.6 to 22V) • Latch-mode short-circuit protection function (no malfunction by noise) • Soft-start function • Undervoltage lockout function • One capacitor shared for short circuit protection and for soft- start to minimize the number of external discrete components s Applications • Battery power supply for portable equipment s Dimensions, mm SOP-8 4.9 0.4±0.1 1.27±0.2 1 4 8 5 DIP-8 Bipolar IC For Switching Power Supply Control FA7610CP(N)/12CP(N)/17CP(N) 1 8 5 4 9.3 7.6 1.5 0~15˚ 0~15˚ 0.5±0.1 2.54±0.25 0.3 +0.1 –0.05 |
Similar Part No. - FA7612CP |
|
Similar Description - FA7612CP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |