Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3552 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3552
Description  1A White LED Driver with Flash Timeout Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3552 Datasheet(HTML) 5 Page - Texas Instruments

  LM3552 Datasheet HTML 1Page - Texas Instruments LM3552 Datasheet HTML 2Page - Texas Instruments LM3552 Datasheet HTML 3Page - Texas Instruments LM3552 Datasheet HTML 4Page - Texas Instruments LM3552 Datasheet HTML 5Page - Texas Instruments LM3552 Datasheet HTML 6Page - Texas Instruments LM3552 Datasheet HTML 7Page - Texas Instruments LM3552 Datasheet HTML 8Page - Texas Instruments LM3552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM3551, LM3552
www.ti.com
SNVS371C – AUGUST 2005 – REVISED MARCH 2011
Typical Performance Characteristics
Unless otherwise specified: TA = +25°C; VIN = 3.6V; L = 4.7µH, (RC = 10kΩ, CC = 4.7nF, CIN = COUT = 10µF for Lumiled LED),
(RC = 27kΩ, CC = 10nF, CIN = 10µF, COUT = 4.7µF for Sharp LED), CFTO = 1µF, CSS= 0.1µF.
ICL measure when VOUT = 95% × VOUT (nominal)
Current Limit vs. Input Voltage
Current Limit vs. Input Voltage
VOUT = 5V
VOUT = 10V
Figure 2.
Figure 3.
ICL measure when VOUT = 95% × VOUT (nominal)
Converter Efficiency vs. Input Voltage
Converter Efficiency vs. Input Voltage
Lumiled Flash LED
Sharp Flash LED
Figure 4.
Figure 5.
IOUT measured at 95%× VOUT (nominal)
Maximum IOUT vs. Input Voltage
Maximum IOUT vs. Input Voltage
VOUT = 5V
VOUT = 10V
Figure 6.
Figure 7.
IOUT measured at 95%× VOUT (nominal)
Copyright © 2005–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3551 LM3552


Similar Part No. - LM3552

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3552 NSC-LM3552 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552 NSC-LM3552 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3552 TI1-LM3552 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
National Semiconductor ...
LM3552SD NSC-LM3552SD Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3552SD NSC-LM3552SD Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
More results

Similar Description - LM3552

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3551 NSC-LM3551_06 Datasheet
752Kb / 15P
   1A White LED Driver with Flash Timeout Protection
LM3551 NSC-LM3551 Datasheet
756Kb / 15P
   1A White LED Driver with Flash Timeout Protection
logo
Texas Instruments
LM3551 TI1-LM3551 Datasheet
1Mb / 23P
[Old version datasheet]   1A White LED Driver with Flash Timeout Protection
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Monolithic Power System...
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5050 ONSEMI-NCP5050 Datasheet
161Kb / 14P
   4.5 W Flash White LED Boost Driver
October, 2007 - Rev. 0
logo
Monolithic Power System...
MP3204 MPS-MP3204 Datasheet
267Kb / 8P
   1.3MHz Fixed Frequency 5 White LED Driver with Open LED Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com