Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3668 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3668
Description  1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3668 Datasheet(HTML) 1 Page - Texas Instruments

  LM3668_14 Datasheet HTML 1Page - Texas Instruments LM3668_14 Datasheet HTML 2Page - Texas Instruments LM3668_14 Datasheet HTML 3Page - Texas Instruments LM3668_14 Datasheet HTML 4Page - Texas Instruments LM3668_14 Datasheet HTML 5Page - Texas Instruments LM3668_14 Datasheet HTML 6Page - Texas Instruments LM3668_14 Datasheet HTML 7Page - Texas Instruments LM3668_14 Datasheet HTML 8Page - Texas Instruments LM3668_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3668
www.ti.com
SNVS449L – JUNE 2007 – REVISED MARCH 2011
LM3668 1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
Check for Samples: LM3668
1
FEATURES
APPLICATIONS
2
45µA Typical Quiescent Current
Handset Peripherals
For 2.8V/3.3V and 3.0/3.4V Versions:
MP3 Players
1A Maximum Load Current for
Pre-Regulation for Linear Regulators
VIN = 2.8V to 5.5V
PDAs
800mA Maximum Load Current for
Portable Hard Disk Drives
VIN = 2.7V
WiMax Modems
600mA Maximum Load Current for
VIN = 2.5V
DESCRIPTION
For 4.5/5V
The LM3668 is a synchronous buck-boost DC-DC
converter optimized for powering low voltage circuits
1A Maximum Load Current for
from a Li-Ion battery and input voltage rails between
VIN = 3.9V to 5.5V
2.5V and 5.5V. It has the capability to support up to
800mA Maximum Load Current for
1A output current over the output voltage range. The
VIN = 3.4V to 3.8V
LM3668 regulates the output voltage over the
700mA Maximum Load Current for
complete
input
voltage
range
by
automatically
switching between buck or boost modes depending
VIN = 3.0V to 3.3V
on the input voltage.
600mA Maximum Load Current for
VIN = 2.7V to 2.9V
The LM3668 has 2 N-channel MOSFETS and 2 P-
channel MOSFETS arranged in a topology that
2.2MHz PWM Fixed Switching Frequency (typ.)
provides continuous operation through the buck and
Automatic PFM-PWM Mode or Forced PWM
boost operating modes. There is a MODE pin that
Mode
allows the user to choose between an intelligent
Wide Input Voltage Range: 2.5V to 5.5V
automatic PFM-PWM mode operation and forced
PWM
operation.
During
PWM
mode,
a
fixed-
Internal Synchronous Rectification for High
frequency 2.2MHz (typ.) is used. PWM mode drives
Efficiency
load up to 1A. Hysteretic PFM mode extends the
Internal Soft Start: 600µs Maximum Startup
battery life through reduction of the quiescent current
Time After VIN Settled
to 45µA (typ.) at light loads during system standby.
Internal
synchronous
rectification
provides
high
0.01µA Typical Shutdown Current
efficiency. In shutdown mode (Enable pin pulled low)
Current Overload and Thermal Shutdown
the device turns off and reduces battery consumption
Protection
to 0.01µA (typ.).
Frequency Sync Pin: 1.6MHz to 2.7MHz
The LM3668 is available in a 12-pin WSON package.
A high switching frequency of 2.2MHz (typ.) allows
the use of tiny surface-mount components including a
2.2µH inductor, a 10µF input capacitor, and a 22µF
output capacitor.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3668_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results

Similar Description - LM3668_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com