Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3668 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3668 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 4Page - Texas Instruments LM3668 Datasheet HTML 5Page - Texas Instruments LM3668 Datasheet HTML 6Page - Texas Instruments LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments LM3668 Datasheet HTML 10Page - Texas Instruments LM3668 Datasheet HTML 11Page - Texas Instruments LM3668 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN =5.0V
VIN = 3.6V
VIN = 2.7V
VIN
VOUT_AC
100 Ps/DIV
4.5V
3.7V
100 mV/DIV
5V/DIV
5V/DIV
SW2
SW1
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 5.0V
VIN = 3.6V
VIN = 2.7V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 5.0V
VIN = 3.6V
VIN = 2.7V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
VIN = 5V
LM3668
SNVS449L – JUNE 2007 – REVISED MARCH 2011
www.ti.com
Typical Performance Characteristics (continued)
Typical Application Circuit (Figure 1): VIN = 3.6V, L = 2.2µH, CIN = 10µF, COUT = 22µF
(1), T
A = 25°C , unless otherwise stated.
Efficiency at VOUT = 3.4V
Efficiency at VOUT = 4.5V
(Auto Mode)
(Forced PWM Mode)
Figure 18.
Figure .
Efficiency at VOUT = 4.5V
Efficiency at VOUT = 5.0V
(Auto Mode)
(Forced PWM Mode)
Figure 19.
Figure 20.
Efficiency at VOUT = 5.0V
Line Transient in Buck Mode
(Auto Mode)
( VOUT = 3.4V, Load = 500mA)
Figure 21.
Figure 22.
8
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LM3668


Similar Part No. - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results

Similar Description - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com