Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3670 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3670
Description  Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3670 Datasheet(HTML) 2 Page - Texas Instruments

  LM3670 Datasheet HTML 1Page - Texas Instruments LM3670 Datasheet HTML 2Page - Texas Instruments LM3670 Datasheet HTML 3Page - Texas Instruments LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
VIN
1
GND
2
EN
3
FB
4
SW
5
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 4.7 µH
or 10 µH *
VOUT
COUT: 10 µF
CIN: 4.7 µF
LM3670
VIN
2.5V to 5.5V
C1
C2
R1
R2
* See Adj table
1
2
5
4
3
VIN
SW
FB
EN
GND
L1:10uH
VOUT
COUT
10uF
CIN
4.7uF
LM3670
VIN
2.5V to 5.5V
LM3670
SNVS250D – NOVEMBER 2004 – REVISED JANUARY 2006
www.ti.com
Typical Application
Figure 1. Fixed Output Voltage - Typical Application Circuit
Figure 2. Adjustable Output Voltage - Typical Application Circuit
Connection Diagram and Package Mark Information
NOTE: The actual physical placement of the package marking will vary from part to part.
Figure 3. SOT23-5 Package (Top View)
Table 1. Pin Descriptions
Pin #
Name
Description
1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
2
GND
Ground pin.
3
EN
Enable input.
4
FB
Feedback analog input. Connect to the output filter capacitor (Figure 1).
5
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier. Connect to an
inductor with a saturation current rating that exceeds the 750 mA max. Switch Peak Current Limit
specification.
2
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM3670


Similar Part No. - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI-LM3670 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-1.2 NSC-LM3670MF-1.2 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results

Similar Description - LM3670

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
   Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
[Old version datasheet]   LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
National Semiconductor ...
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM2612BL NSC-LM2612BL Datasheet
2Mb / 19P
   400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com