Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5026 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5026
Description  Active Clamp Current Mode PWM Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5026 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5026_14 Datasheet HTML 5Page - Texas Instruments LM5026_14 Datasheet HTML 6Page - Texas Instruments LM5026_14 Datasheet HTML 7Page - Texas Instruments LM5026_14 Datasheet HTML 8Page - Texas Instruments LM5026_14 Datasheet HTML 9Page - Texas Instruments LM5026_14 Datasheet HTML 10Page - Texas Instruments LM5026_14 Datasheet HTML 11Page - Texas Instruments LM5026_14 Datasheet HTML 12Page - Texas Instruments LM5026_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TEMPERATURE (
oC)
-50
0
50
100
150
190
192
194
196
198
200
202
204
206
208
210
0
5
10
15
20
25
0
1
2
3
4
5
6
IREF (mA)
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
oC)
40
42
44
46
48
50
52
54
RESTART
SOFT-START
SOFT-STOP
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0
2
4
6
8
10
12
14
16
VIN (V)
0
2
4
6
8
10
12
14
16
VIN
VCC
0
5
10
15
20
25
30
35
0
2
4
6
8
10
ICC (mA)
LM5026
www.ti.com
SNVS363C – AUGUST 2005 – REVISED MARCH 2010
Typical Performance Characteristics
VCC Regulator Start-up Characteristics, VCC
VCC
vs
vs
Vin
ICC
VREF
Soft-start, Soft-stop and Restart Current
vs
vs
IREF
Temperature
Oscillator Frequency
Oscillator Frequency
vs
vs
RT
Temperature
Copyright © 2005–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5026


Similar Part No. - LM5026_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
More results

Similar Description - LM5026_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
   Active Clamp Current-Mode PWM Controller
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
UCC2893 TI1-UCC2893_14 Datasheet
1Mb / 42P
[Old version datasheet]   CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026_09 Datasheet
669Kb / 22P
   Active Clamp Current Mode PWM Controller
logo
Texas Instruments
LM5026 TI1-LM5026_15 Datasheet
1Mb / 39P
[Old version datasheet]   Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A Datasheet
960Kb / 40P
[Old version datasheet]   ADVANCED CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI-LM5026_15 Datasheet
1Mb / 33P
[Old version datasheet]   LM5026 Active Clamp Current Mode PWM Controller
UCC2897A TI-UCC2897A_15 Datasheet
1Mb / 46P
[Old version datasheet]   Advanced Current-Mode Active-Clamp PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com