Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7610CN Datasheet(PDF) 3 Page - Fuji Electric

Part # FA7610CN
Description  FA7610CPN/FA7612CPN/FA7617CPN Bipolar IC Switching Power Supply Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7610CN Datasheet(HTML) 3 Page - Fuji Electric

  FA7610CN Datasheet HTML 1Page - Fuji Electric FA7610CN Datasheet HTML 2Page - Fuji Electric FA7610CN Datasheet HTML 3Page - Fuji Electric FA7610CN Datasheet HTML 4Page - Fuji Electric FA7610CN Datasheet HTML 5Page - Fuji Electric FA7610CN Datasheet HTML 6Page - Fuji Electric FA7610CN Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FA7610CP(N)/FA7612CP(N)/FA7617CP(N)
3
s Absolute maximum ratings (Ta = 25
°C)
Item
Symbol
Rating
Unit
FA7610C
FA7612C/17C
Supply voltage
VCC
22
22
V
Reference voltage output current
IOR
55mA
Output current
IO
±50
80
mA
Total power dissipation
Pd
400
400
mW
Operating temperature
Topr
–20 to +85
–20 to +85
°C
Storage temperature
Tstg
–40 to +150
–40 to +150
°C
s Recommended operating conditions
Item
Symbol
FA7610C
FA7612/17C
Unit
Min.
Max.
Min.
Max.
Supply voltage
VCC
3.6
20
3.6
20
V
Feedback resistance
RNF
100
100
k
Oscillator timing capacitor
CT
220
22,000
220
22,000
pF
Oscillator timing resistance
RT
10
100
10
100
k
Oscillation frequency
fOSC
5
200
5
500
kHz
s Electrical characteristics (Ta = 25
°C, VCC = 6V, RT = 33kΩ, CT = 1000pF)
Reference voltage section Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Output voltage
VREF
IOR = 1mA
2.528
2.580
2.632
V
Line regulation
LINE
VCC = 3.6 to 20V, IOR = 1mA
4
12
mV
Load regulation
LOAD
IOR = 0.1 to 1mA
1
6
mV
Output voltage variation due to temperature change
VTC1
Ta = –20 to +25
°C–1
1
%
VTC2
Ta = +25 to +85
°C–1
1
%
Oscillator section Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
CT = 1000pF, RT = 33k
100
111
122
kHz
Frequency variation 1 (due to supply voltage change)
fdV
VCC = 3.6 to 20V
1
%
Frequency variation 2 (due to temperature change)
fdT
Ta = –20 to +85
°C5
%
Error amplifier section
Common to FA7610C/12C/17C
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage
VB
0.515
0.525
0.535
V
Input bias current
IB
5
100
nA
Open-loop voltage gain
AV
70
dB
Unity-gain bandwidth
GB
0.6
MHz
Maximam output voltage (Pin 2)
VOM+
RNF = 100k
VREF–0.2
V
VOM–
RNF = 100k
200
mV
Output source current (Pin 2)
IOM+
VOM = 1V
40
85
200
µA
PWM comparator section
Item
Symbol Test condition
FA7610C
FA7612C
FA7617C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Input threshold voltage (pin 2)
VTH0
Duty cycle = 0%
0.85
0.95
0.85
0.95
0.85
0.95
V
Input threshold voltage (pin 2)
VTH50
Duty cycle = 50%
1.1
1.1
1.1
V
Maximum duty cycle
αM
(Pin 2 = 1.2V)
58
64
75
100
63
67
71
%


Similar Part No. - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7611 FUJI-FA7611 Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7611CPE FUJI-FA7611CPE Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CPE FUJI-FA7613CPE Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results

Similar Description - FA7610CN

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA7615CP FUJI-FA7615CP Datasheet
73Kb / 6P
   FA7615CPE Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com