Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVXH0402-140C120TRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NVXH0402-140C120TRF
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVXH0402-140C120TRF Datasheet(HTML) 8 Page - NIC-Components Corp.

  NVXH0402-140C120TRF Datasheet HTML 1Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 2Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 3Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 4Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 5Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 6Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 7Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 8Page - NIC-Components Corp. NVXH0402-140C120TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Varistor
NVX Series
TYPICAL PERFORMANCE CHARACTERISTICS
Capacitance vs. Frequency
(0402 & 0603 0.5pF)
Frequency (MHz)
Capacitance vs. Frequency
(0402 & 0603 1.0pF)
Frequency (MHz)
Capacitance vs. Frequency
(0402 & 0603 2.0pF)
Frequency (MHz)
Leakage Current vs. Applied Voltage
(5.5V & 9.0V)
Current (
μA)
0.1
1.0
10
100
1K
10K
100K
1M
Leakage Current vs. Applied Voltage
(14V, 18V, 26V, 30V & 48V)
Current (
μA)
0.1
1.0
10
100
1K
10K
100K
1M
Transmission vs. Frequency
(0402 & 0603 0.5pF)
Frequency (MHz)
Transmission vs. Frequency
(0402 & 0603 1.0pF)
Frequency (MHz)
Transmission vs. Frequency
(0402 & 0603 2.0pF)
Frequency (MHz)
1. CAPACITANCE VERSUS FREQUENCY
2. TRANSMISSION VERSUS FREQUENCY
3. LEAKAGE CURRENT VERSUS APPLIED VOLTAGE


Similar Part No. - NVXH0402-140C120TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVXH0402-140C120TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com