Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVXH0603-140C120TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NVXH0603-140C120TRF
Description  Surface Mount Varistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVXH0603-140C120TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NVXH0603-140C120TRF Datasheet HTML 1Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 2Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 3Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 4Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 5Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 6Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 7Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 8Page - NIC-Components Corp. NVXH0603-140C120TRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volts)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXA0805_5R5C901TRF
5.5
4.0
10.0 ~ 14.0
18
0.2
60
900
NVXA0805_5R5C122TRF
5.5
4.0
10.0 ~ 14.0
18
0.3
120
1200
NVXA0805_5R5C202TRF
5.5
4.0
10.0 ~ 14.0
18
0.4
150
2000
NVXA0805_090C701TRF
9.0
6.4
11.0 ~ 16.0
20
0.2
60
700
NVXA0805_090C102TRF
9.0
6.4
11.0 ~ 16.0
20
0.3
120
1000
NVXA0805_090C162TRF
9.0
6.4
11.0 ~ 16.0
20
0.4
150
1600
NVXA0805_140C401TRF
14
10
16.0 ~ 22.0
30
0.2
60
400
NVXA0805_140C701TRF
14
10
16.0 ~ 22.0
30
0.3
120
700
NVXA0805_140C901TRF
14
10
16.0 ~ 22.0
30
0.4
150
900
NVXA0805_180C301TRF
18
12.7
22.0 ~ 28.0
40
0.2
60
300
NVXA0805_180C501TRF
18
12.7
22.0 ~ 28.0
40
0.3
120
500
NVXA0805_180C701TRF
18
12.7
22.0 ~ 28.0
40
0.4
150
700
NVXA0805_260C251TRF
26
18.4
31.0 ~ 38.0
58
0.2
60
250
NVXA0805_260C401TRF
26
18.4
31.0 ~ 38.0
58
0.3
120
400
NVXA0805_300C181TRF
30
21.3
37.0 ~ 46.0
65
0.2
60
180
NVXA0805_300C301TRF
30
21.3
37.0 ~ 46.0
65
0.3
120
300
Part Number
Max. Working
Voltage <20mA
Varistor
Voltage
@1mA DC
(Volts)
Max. Clamping
Voltage
Rated Single Pulse Transient
Typical Capacitance
@0.5Vrms, 1MHz
(pF)
8/20
μs
(Volts
*1)
Energy
10/1000
μs
(Joules)
Peak Current
8/20
μs
(Amps)
VDC
VAC
RMS
NVXA1206_5R5C202TRF
5.5
4.0
10.0 ~ 14.0
18
0.4
150
2000
NVXA1206_5R5C252TRF
5.5
4.0
10.0 ~ 14.0
18
0.5
200
2500
NVXA1206_090C162TRF
9.0
6.4
11.0 ~ 16.0
20
0.4
150
1600
NVXA1206_090C202TRF
9.0
6.4
11.0 ~ 16.0
20
0.5
200
2000
NVXA1206_140C901TRF
14
10
16.0 ~ 22.0
30
0.3
120
900
NVXA1206_140C122TRF
14
10
16.0 ~ 22.0
30
0.4
150
1200
NVXA1206_140C152TRF
14
10
16.0 ~ 22.0
30
0.5
200
1500
NVXA1206_180C701TRF
18
12.7
22.0 ~ 28.0
40
0.3
120
700
NVXA1206_180C901TRF
18
12.7
22.0 ~ 28.0
40
0.4
150
900
NVXA1206_180C122TRF
18
12.7
22.0 ~ 28.0
40
0.5
200
1200
NVXA1206_260C501TRF
26
18.4
31.0 ~ 38.0
58
0.3
120
500
NVXA1206_260C701TRF
26
18.4
31.0 ~ 38.0
58
0.4
150
700
NVXA1206_260C901TRF
26
18.4
31.0 ~ 38.0
58
0.5
200
900
NVXA1206_300C401TRF
30
21.3
37.0 ~ 46.0
65
0.3
120
400
NVXA1206_300C501TRF
30
21.3
37.0 ~ 46.0
65
0.4
150
500
NVXA1206_300C701TRF
30
21.3
37.0 ~ 46.0
65
0.5
200
700
NVXA1206_480C181TRF
48
34.1
54.0 ~ 67.0
100
0.3
120
180
NVXA1206_480C251TRF
48
34.1
54.0 ~ 67.0
100
0.4
150
250
NVXA1206_480C401TRF
48
34.1
54.0 ~ 67.0
100
0.5
200
400
Surface Mount Varistor
NVX Series
NVXA0805 SPECIFICATIONS (FOR GENERAL PURPOSE APPLICATIONS)
NVXA1206 SPECIFICATIONS (FOR GENERAL PURPOSE APPLICATIONS)
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%


Similar Part No. - NVXH0603-140C120TRF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVX08B800DT1 ONSEMI-NVX08B800DT1 Datasheet
663Kb / 10P
   Automotive Power MOSFET Module
September, 2022 - Rev. 0
NVX08H250DT1 ONSEMI-NVX08H250DT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H300DT1 ONSEMI-NVX08H300DT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H350XT1 ONSEMI-NVX08H350XT1 Datasheet
386Kb / 10P
   Automotive Power MOSFET Module
January, 2022 ??Rev. 0
NVX08H400XT1 ONSEMI-NVX08H400XT1 Datasheet
423Kb / 10P
   Automotive Power MOSFET Module
January, 2022-Rev. 0
More results

Similar Description - NVXH0603-140C120TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
SC0402E010M18 SOCAY-SC0402E010M18 Datasheet
460Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com