Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5033 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5033
Description  100V Push-Pull Voltage Mode PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5033 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5033 Datasheet HTML 4Page - Texas Instruments LM5033 Datasheet HTML 5Page - Texas Instruments LM5033 Datasheet HTML 6Page - Texas Instruments LM5033 Datasheet HTML 7Page - Texas Instruments LM5033 Datasheet HTML 8Page - Texas Instruments LM5033 Datasheet HTML 9Page - Texas Instruments LM5033 Datasheet HTML 10Page - Texas Instruments LM5033 Datasheet HTML 11Page - Texas Instruments LM5033 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LM5033
SNVS181A – MAY 2004 – REVISED MAY 2005
www.ti.com
FUNCTIONAL DESCRIPTION
The LM5033 High Voltage PWM controller contains all of the features needed to implement Push-Pull and Bridge
topologies, using voltage-mode control in a small 10 pin package. Features included are: startup regulator,
precision 2.5V reference output, current limit detection, alternating gate drivers, sync capability, thermal
shutdown, softstart, and remote shutdown. This high speed IC has total propagation delays <100 ns. These
features simplify the design of an open loop DC-DC converter, or a voltage controlled closed loop converter. The
Functional Block Diagram is shown in Figure 2.
High Voltage Start-Up Regulator (Pins 1, 4)
The LM5033 contains an internal high voltage startup regulator. The input pin (VIN) can be connected directly to
line voltages as high as 90V for normal operation, and can withstand transients to 100V. The regulator output at
VCC (9.6V) is internally current limited and sources a minimum of 20mA. Upon power up, the capacitor at VCC will
charge up, providing a time delay while internal circuits stabilize. When VCC reaches the upper threshold of the
under-voltage sensor (typically 9.5V), the under-voltage sensor resets, enabling the output drivers, although the
PWM duty cycle will initially be at zero. As the Softstart capacitor then charges up (described below) the output
duty cycle will increase until regulated by the PWM control loop. The value of the VCC capacitor which affects the
above mentioned delay depends on the total system design and its start-up characteristics. The recommended
range of values for the VCC capacitor is 0.1 to 50µF.
The lower threshold of the under-voltage sensor is typically at 6.8V. If VCC falls below this value the outputs are
disabled and the softstart capacitor is discharged. When VCC is again increased above the upper threshold the
outputs are enabled, and the softstart sequence repeats.
The LM5033’s internal power dissipation can be reduced by powering VCC from an external supply. Typically this
is done by means of an auxiliary transformer winding which is diode connected to the VCC pin to provide 10-15V
to VCC as the controller completes the start-up sequence. The externally applied VCC voltage will cause the
internal regulator to shut off. The under-voltage sensor circuit will still function in this mode, requiring that the
external VCC capacitor be sized so that VCC never falls below 6.8V. The required current into the VCC pin from the
external source is shown in Typical Performance Characteristics (ICC vs. VCC).
If a fault condition occurs such that the external supply to VCC fails, external current draw from the VCC pin must
be limited as to not exceed the regulator’s current limit, or the maximum power dissipation of the IC. An external
start-up or other bias rail can be used instead of the internal start-up regulator by connecting the VCC and the VIN
pins together and feeding the external bias voltage (10-15V) into that node.
A thermal shutdown protection will activate if the die temperature exceeds 165ºC, disabling the outputs (OUT1
and OUT2), and shutting down the VCC regulator. When the die temperature has reduced below 150°C (typical
hysteresis = 15°C) the VCC regulator is enabled and a softstart sequence will initiate.
Reference (Pin 2)
The Ref pin provides a reference voltage of 2.5V, ±2.4%. The pin is internally connected to an NMOS FET drain
at the buffer amplifier’s output, allowing it to sink, but not source current. An external pullup resistor is required.
Current into the pin must be limited to less than 20 mA to maintain regulation. See the graph in the Typical
Performance Characteristics.
During start-up if the pullup voltage is present before the reference amplifier establishes regulation, the voltage
on pin 2 must not exceed 5.5V. If this reference is not used the Ref pin can float or be connected to ground.
PWM Comparator (Pin 3), Duty Cycle and Deadtime
The PWM comparator compares an internal ramp signal (0 - 0.65V) with the loop error voltage derived from the
Comp pin (pin 3). The Comp voltage is typically set by an external error amplifier through an optocoupler for
closed loop applications. Internally, the voltage at the Comp pin passes through two level shifting diodes, and a
gain reducing 3:1 resistor divider. The output of the PWM comparator provides the pulse width information to the
output drivers (Out1 and Out2). This comparator is optimized for speed in order to achieve minimum discernable
duty cycles. The output duty cycle is 0% for VCOMP < 1.5V, and maximum for VCOMP > 3.5V. See the Typical
Performance Characteristics. The maximum duty cycle for each output is limited to less than 50% due to the
forced deadtime. The typical deadtime between the falling edge of one gate driver output and the rising edge of
the other gate driver output is 135 ns, and does not vary with frequency. The maximum duty cycle for each
output can be calculated from:
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5033


Similar Part No. - LM5033

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5033 TI-LM5033 Datasheet
1Mb / 24P
[Old version datasheet]   100V Push-Pull Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5033MM NSC-LM5033MM Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5033MM/NOPB TI-LM5033MM/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   100V Push-Pull Voltage Mode PWM Controller
More results

Similar Description - LM5033

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5033 NSC-LM5033_05 Datasheet
712Kb / 17P
   100V Push-Pull Voltage Mode PWM Controller
LM5033 NSC-LM5033 Datasheet
295Kb / 16P
   100V Push-Pull Voltage Mode PWM Controller
logo
Texas Instruments
LM5033 TI-LM5033_15 Datasheet
1Mb / 24P
[Old version datasheet]   100V Push-Pull Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
LM5030 TI1-LM5030_14 Datasheet
1,016Kb / 19P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com