Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5050-1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5050-1
Description  High Side OR-ing FET Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5050-1 Datasheet(HTML) 1 Page - Texas Instruments

  LM5050-1 Datasheet HTML 1Page - Texas Instruments LM5050-1 Datasheet HTML 2Page - Texas Instruments LM5050-1 Datasheet HTML 3Page - Texas Instruments LM5050-1 Datasheet HTML 4Page - Texas Instruments LM5050-1 Datasheet HTML 5Page - Texas Instruments LM5050-1 Datasheet HTML 6Page - Texas Instruments LM5050-1 Datasheet HTML 7Page - Texas Instruments LM5050-1 Datasheet HTML 8Page - Texas Instruments LM5050-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PS1
PS2
IN
GATE
OUT
IN
GATE
OUT
RLOAD
CLOAD
LM5050-1
LM5050-1
GND
GND
VS
VS
VIN
VOUT
GND
OFF
OUT
IN
GATE
LM5050-1
Shutdown
GND
GND
VS
Low= FET On, High= FET Off
100:
0.1 PF
+5.0V to +75V
LM5050-1, LM5050-1-Q1
www.ti.com
SNVS629D – MAY 2011 – REVISED JUNE 2013
LM5050-1/LM5050-1-Q1 High Side OR-ing FET Controller
Check for Samples: LM5050-1, LM5050-1-Q1
1
FEATURES
DESCRIPTION
The LM5050-1 High Side OR-ing FET Controller
2
Available in Standard and AEC-Q100 Qualified
operates in conjunction with an external MOSFET as
Versions LM5050Q0MK-1 (up to 150°C TJ) and
an ideal diode rectifier when connected in series with
LM5050Q1MK-1 (up to 125°C TJ)
a
power
source.
This
ORing
controller
allows
Wide Operating Input Voltage Range, VIN: 5V to
MOSFETs to replace diode rectifiers in power
75V
distribution networks thus reducing both power loss
and voltage drops.
+100 Volt Transient Capability
Charge Pump Gate Driver for External N-
The LM5050-1 controller provides charge pump gate
Channel MOSFET
drive for an external N-Channel MOSFET and a fast
response comparator to turn off the FET when
Fast 50ns Response to Current Reversal
current flows in the reverse direction. The LM5050-1
2A Peak Gate Turn-Off Current
can connect power supplies ranging from +5V to
Minimum VDS Clamp for Faster Turn-Off
+75V and can withstand transients up to +100V.
Package: SOT-6 (Thin SOT-23-6)
APPLICATIONS
Active OR-ing of Redundant (N+1) Power
Supplies
Typical Application Circuits
Figure 1. Full Application
Figure 2. Typical Redundant Supply Configuration
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5050-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1-Q1 TI1-LM5050-1-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Similar Description - LM5050-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com