Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5050-1-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5050-1-Q1
Description  High Side OR-ing FET Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5050-1-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LM5050-1-Q1 Datasheet HTML 1Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 2Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 3Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 4Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 5Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 6Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 7Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 8Page - Texas Instruments LM5050-1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM5050-1, LM5050-1-Q1
SNVS629D – MAY 2011 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the appropriate operating junction
temperature (TJ) range of -40°C to +125°C (LM5050MK-1, LM5050Q1MK-1) or -40°C to +150°C (LM5050Q0MK-1). Minimum
and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions
apply: VIN = 12.0V, VVS = VIN, VOUT = VIN, VOFF = 0.0V, CGATE= 47 nF, and TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN = 5.0V
VVS= VIN
32
190
305
VOUT = VIN - 100 mV
GATE = Open
IIN
IN Pin current
μA
VIN = 12.0V to 75.0V
LM5050MK-1,
233
320
400
VVS= VIN
LM5050Q1MK-1
VOUT = VIN - 100 mV
LM5050Q0MK-1
233
320
475
GATE = Open
OUT Pin
Operating Output Voltage
VOUT
-
5.0
-
75.0
V
Range
VIN = 5.0V to 75.0V
IOUT
OUT Pin Current
VVS= VIN
-
3.2
8
µA
VOUT = VIN - 100 mV
GATE Pin
VIN = 5.0V
VVS = VIN
12
30
41
VGATE = VIN
VOUT = VIN - 175 mV
IGATE(ON)
Gate Pin Source Current
µA
VIN = 12.0V to 75.0V
VVS = VIN
20
32
41
VGATE = VIN
VOUT = VIN - 175 mV
VIN = 5.0V
VVS = VIN
4.0
7
9.0
VOUT = VIN - 175 mV
VGATE - VIN in Forward
VGS
V
Operation(1)
VIN = 12.0V to 75.0V
VVS = VIN
9.0
12
14.0
VOUT = VIN - 175 mV
Gate Capacitance Discharge
CGATE = 0
(2)
-
25
85
Time at Forward to Reverse
CGATE = 10 nF
(2)
-
60
-
tGATE(REV)
ns
Transition
CGATE = 47 nF
(2)
-
180
350
See Figure 4
Gate Capacitance
DischargeTime at OFF pin Low
tGATE(OFF)
CGATE = 47 nF
(3)
-
486
-
ns
to High Transition
See Figure 5
LM5050MK-1,
VGATE = VIN + 3V
1.8
2.8
LM5050Q1MK-1
IGATE(OFF)
Gate Pin Sink Current
VOUT > VIN + 100 mV
-
A
t
≤ 10ms
LM5050Q0MK-1
1.4
2.8
Reverse VSD Threshold
VSD(REV)
VIN - VOUT
-41
-28
-16
mV
VIN < VOUT
ΔVSD(REV)
Reverse VSD Hysteresis
-
10
-
mV
LM5050MK-1,
VIN = 5.0V
1
19
37
LM5050Q1MK-1
VVS = VIN
Regulated Forward VSD
VIN - VOUT
LM5050Q0MK-1
1
19
60
VSD(REG)
Threshold
mV
LM5050MK-1,
VIN = 12.0V
VIN > VOUT
4.4
22
37
LM5050Q1MK-1
VVS = VIN
VIN - VOUT
LM5050Q0MK-1
4.4
22
60
(1)
Measurement of VGS voltage (i.e. VGATE - VIN) includes 1 MΩ in parallel with CGATE.
(2)
Time from VIN-VOUT voltage transition from 200 mV to -500 mV until GATE pin voltage falls to VIN + 1V. See Figure 4.
(3)
Time from VOFF voltage transition from 0.0V to 5.0V until GATE pin voltage falls to VIN + 1V. See Figure 5
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5050-1 LM5050-1-Q1


Similar Part No. - LM5050-1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5050-1-Q1 TI1-LM5050-1-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
More results

Similar Description - LM5050-1-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146AFUZ-TK INTERSIL-ISL6146AFUZ-TK Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com