Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5088Q Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5088Q
Description  Wide Input Range Non-Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5088Q Datasheet(HTML) 3 Page - Texas Instruments

  LM5088Q Datasheet HTML 1Page - Texas Instruments LM5088Q Datasheet HTML 2Page - Texas Instruments LM5088Q Datasheet HTML 3Page - Texas Instruments LM5088Q Datasheet HTML 4Page - Texas Instruments LM5088Q Datasheet HTML 5Page - Texas Instruments LM5088Q Datasheet HTML 6Page - Texas Instruments LM5088Q Datasheet HTML 7Page - Texas Instruments LM5088Q Datasheet HTML 8Page - Texas Instruments LM5088Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LM5088
www.ti.com
SNVS600G – DECEMBER 2008 – REVISED MARCH 2011
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
VIN
Input supply voltage
IC supply voltage. The operating range is 4.5V to 75V
2
EN
Enable input
If the EN pin voltage is below 0.4V the regulator will be in a low power state. If
the EN pin voltage is between 0.4V and 1.2V the controller will be in standby
mode. If the EN pin voltage is above 1.2V the controller will be operational. An
external voltage divider can be used to set a line under voltage shutdown
threshold. If the EN pin is left open, a 5µA pull-up current forces the pin to the
high state and enables the controller.
3
SS
Soft-start
When SS is below the internal 1.2V reference, the SS voltage will control the
error amplifier. An internal 11 µA current source charges an external capacitor to
set the start-up rate of the controller. The SS pin is held low in the standby, VCC
UV and thermal shutdown states. The SS pin can be used for voltage tracking by
connecting this pin to a master voltage supply less than 1.2V. The applied voltage
will act as the reference for the error amplifier.
4
RAMP
Ramp control signal
An external capacitor connected between this pin and the GND pin sets the ramp
slope used for emulated current mode control. Recommended capacitor range
100 pF to 2000 pF. See the Applications section for selection of capacitor value.
5
RT/SYNC
Internal oscillator frequency
The internal oscillator is programmed with a single resistor between this pin and
set input and synchronization the GND pin. The recommended frequency range is 50 kHz to 1 MHz. An
input
external synchronization signal, which is higher in frequency than the
programmed frequency, can be applied to this pin through a small coupling
capacitor. The RT resistor to ground is required even when using external
synchronization.
6
GND
Ground
Ground return.
7
COMP
Output of the internal error
The loop compensation network should be connected between this pin and the
amplifier
FB pin.
8
FB
Feedback signal from the
This pin is connected to the inverting input of the internal error amplifier. The
regulated output
regulation threshold is 1.205V.
9
OUT
Output voltage connection
Connect directly to the regulated output voltage.
10
DITH
Frequency Dithering (
A capacitor connected between DITH pin and GND is charged and discharged by
LM5088-1 Only)
27 µA current sources. As the voltage on the DITH pin ramps up and down, the
oscillator frequency is modulated between -5% to +5% of the nominal frequency
set by the RT resistor. Grounding the DITH pin will disable the frequency
dithering mode.
10
RES
Hiccup Mode Restart (
The RES pin is normally connected to an external capacitor that sets the timing
LM5088-2 Only)
for hiccup mode current limiting. In normal operation, a 25µA current source
discharges the RES pin capacitor to ground. If cycle-by-cycle current limit
threshold is exceeded during any PWM cycle, the current sink is disabled and
RES capacitor is charged by an internal 50 µA current. If the RES voltage
reaches 1.2V, the HG pin gate drive signal will be disabled and the RES pin
capacitor will be discharged by a 1 µA current sink. Normal operation will resume
when the RES pin falls below 0.2V.
11
CSG
Current Sense Ground
Low side reference for the current sense resistor.
12
CS
Current sense
Current measurement connection for the re-circulating diode. An external sense
resistor and an internal sample/hold circuit sense the diode current at the
conclusion of the buck switch off-time. This current measurement provides the
DC offset level for the emulated current ramp.
13
SW
Switching node
Connect to the source terminal of the external MOSFET switch.
14
HG
High Gate
Connect to the gate terminal of the external MOSFET switch.
15
BOOT
Input for bootstrap capacitor
An external capacitor is required between the BOOT and the SW pins to provide
bias to the MOSFET gate driver. The capacitor is charged from VCC via an
internal diode during the off-time of the buck switch.
16
VCC
Output of the bias regulator
VCC tracks VIN up to the regulation level (7.8V Typ). A 0.1 µF to 10 µF ceramic
decoupling capacitor is required. An external voltage between 8.3V and 13V can
be applied to this pin to reduce internal power dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5088


Similar Part No. - LM5088Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088QMH-1/NOPB TI-LM5088QMH-1/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088QMH-2 TI-LM5088QMH-2 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM5088QMH-2/NOPB TI-LM5088QMH-2/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088QMHX-1 TI-LM5088QMHX-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results

Similar Description - LM5088Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com