Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5642 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5642
Description  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5642 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5642_14 Datasheet HTML 5Page - Texas Instruments LM5642_14 Datasheet HTML 6Page - Texas Instruments LM5642_14 Datasheet HTML 7Page - Texas Instruments LM5642_14 Datasheet HTML 8Page - Texas Instruments LM5642_14 Datasheet HTML 9Page - Texas Instruments LM5642_14 Datasheet HTML 10Page - Texas Instruments LM5642_14 Datasheet HTML 11Page - Texas Instruments LM5642_14 Datasheet HTML 12Page - Texas Instruments LM5642_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
-
Vref
+
-
ILIMx
KSx
10 PA
RSNSx
+
VDDx
LDRVx
PGNDx
Input Power
Supply
Shoot through
protection
sequencer
Q
R
S
Shifter
and latch
+
-
+
0.50V
+
-
Corrective
ramp
SGND
OSC
200 kHz LM5642
or
375 kHz LM5642X
0
2.5 Ps
delay
To Ch2
Q
Q
R
S
Reset by
POR or SD
UVP
OVP
ON/SSx
ON/OFF
and
S/S
control
PWM comp
5V LDO
(Allways ON)
fault
FAULT
TSD
UVLO
OVP
UVPG1
comparator
UVP
COMPx
CHx
output
error amp
BG
Ch1 and Ch2 are identical
HDRVx
CHx
Output
S/S level
Cycle
Skip
comp
SWx
Q
Q
R
S
UV_DELAY
+
-
+
-
ILIM
Comp
ISENSE
amp
+
-
CBOOTx
-
+
BG
reference
BG
IREF
Current
bias
Voltage
and
Current
generator
From another Ch.
From
another
CH.
Bias
Generator
VIN
Normal:
ON
SS:
ON
FBx
2 PA
VLIN5
SD Disable
Active
discharge
Rdson =
500:
UV
PWM logic
control
SYNC
Q
7 PA
5 PA
LM5642, LM5642X
www.ti.com
SNVS219J – MAY 2004 – REVISED MAY 2011
BLOCK DIAGRAM
Figure 5. Block Diagram
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5642 LM5642X


Similar Part No. - LM5642_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Similar Description - LM5642_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com