Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5642X Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5642X
Description  High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5642X Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5642X Datasheet HTML 2Page - Texas Instruments LM5642X Datasheet HTML 3Page - Texas Instruments LM5642X Datasheet HTML 4Page - Texas Instruments LM5642X Datasheet HTML 5Page - Texas Instruments LM5642X Datasheet HTML 6Page - Texas Instruments LM5642X Datasheet HTML 7Page - Texas Instruments LM5642X Datasheet HTML 8Page - Texas Instruments LM5642X Datasheet HTML 9Page - Texas Instruments LM5642X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM5642, LM5642X
SNVS219J – MAY 2004 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, VIN = 28V, GND = PGND = 0V, VLIN5 = VDD1 = VDD2. Limits appearing in boldface type apply
over the specified operating junction temperature range, (-40°C to +125°C, if not otherwise specified). Specifications
appearing in plain type are measured using low duty cycle pulse testing with TA = 25°C
(1), (2). Min/Max limits are specified by
design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Gate Drive
ICBOOT
CBOOTx Leakage Current
VCBOOT1 = VCBOOT2 = 7V
10
nA
ISC_DRV
HDRVx and LDRVx Source
VCBOOT1 = VCBOOT2 = 5V, VSWx=0V,
0.5
A
Current
HDRVx=LDRVx=2.5V
Isk_HDRV
HDRVx Sink Current
VCBOOTx = VDDx = 5V, VSWx = 0V, HDRVX
0.8
A
= 2.5V
Isk_LDRV
LDRVx Sink Current
VCBOOTx = VDDx = 5V, VSWx = 0V, LDRVX
1.1
A
= 2.5V
RHDRV
HDRV1 & 2 Source On-
VCBOOT1 = VCBOOT2 = 5V,
3.1
Resistance
VSW1 = VSW2 = 0V
HDRV1 & 2 Sink On-
1.5
Resistance
RLDRV
LDRV1 & 2 Source On-
VCBOOT1 = VCBOOT2 = 5V,
3.1
Resistance
VSW1 = VSW2 = 0V
VDD1 = VDD1 = 5V
LDRV1 & 2 Sink On-
1.1
Resistance
Oscillator and Sync Controls
5.5
≤ VIN ≤ 36V, LM5642
166
200
226
Fosc
Oscillator Frequency
kHz
5.5
≤ VIN ≤ 36V, LM5642X
311
375
424
Don_max
Maximum On-Duty Cycle
VFB1 = VFB2 = 1V, Measured at pins
96
98.9
%
HDRV1 and HDRV2
Ton_min
Minimum On-Time
166
ns
SSOT_delta
HDRV1 and HDRV2 Delta
ON/SS1 = ON/SS2 = 2V
20
250
ns
On Time
VHS
SYNC Pin Min High Input
2
1.52
V
VLS
SYNC Pin Max Low Input
1.44
0.8
V
Error Amplifier
IFB1, IFB2
Feedback Input Bias
VFB1_FIX = 1.5V, VFB2_FIX = 1.5V
80
±200
nA
Current
Icomp1_SC,
COMP Output Source
VFB1_FIX = VFB2_FIX = 1V,
6
127
Icomp2_SC
Current
VCOMP1 = VCOMP2 = 1V
µA
-20°C to 85°C
18
Icomp1_SK,
COMP Output Sink Current
VFB1_FIX = VFB2_FIX = 1.5V and
6
118
Icomp2_SK
VCOMP1 = VCOMP2 = 0.5V
µA
-20°C to 85°C
18
gm1, gm2
Transconductance
720
µmho
GISNS1,
Current Sense Amplifier
VCOMPx = 1.25V
4.2
5.2
7.5
GISNS2
(1&2) Gain
Voltage References and Linear Voltage Regulators
UVLO
VLIN5 Under-voltage
ON/SS1, ON/SS2 transition
Lockout
from low to high
3.6
4.0
4.4
V
Threshold Rising
6
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM5642 LM5642X


Similar Part No. - LM5642X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5642XMH TI-LM5642XMH Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMH/NOPB TI-LM5642XMH/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMHX TI-LM5642XMHX Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMHX/NOPB TI-LM5642XMHX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642XMT TI-LM5642XMT Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

Similar Description - LM5642X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
LM5642 TI-LM5642_15 Datasheet
1Mb / 42P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com