Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP06G Datasheet(PDF) 1 Page - Fuji Electric

Part # KBP06G
Description  1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

KBP06G Datasheet(HTML) 1 Page - Fuji Electric

  KBP06G Datasheet HTML 1Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - KBP06G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBP06G DIODES-KBP06G Datasheet
52Kb / 2P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. F-2
logo
Gulf Semiconductor
KBP06G GULFSEMI-KBP06G Datasheet
109Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
logo
Diodes Incorporated
KBP06G DIODES-KBP06G Datasheet
92Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DS21203 Rev. 12 - 2
logo
List of Unclassifed Man...
KBP06G ETC2-KBP06G Datasheet
117Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
KBP06G HY-KBP06G Datasheet
349Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP06G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
logo
Fuji Electric
W005G FUJI-W005G Datasheet
666Kb / 1P
   1.5 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Components Intern...
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
Fuji Electric
DF005M FUJI-DF005M Datasheet
660Kb / 1P
   1 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2KBP005G FUJI-2KBP005G Datasheet
762Kb / 1P
   2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2KBPOO5G FUJI-2KBPOO5G Datasheet
53Kb / 1P
   2 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
   4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Micro Commercial Compon...
KBP005M MCC-KBP005M Datasheet
721Kb / 3P
   1.5 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
FR151G SECOS-FR151G Datasheet
203Kb / 2P
   1.5 AMP Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com