Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-365P Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # FCN-365P
Description  RECTANGULAR CONNECTORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-365P Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button FCN-365P Datasheet HTML 2Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 3Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 4Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 5Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 6Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 7Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 8Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 9Page - Fujitsu Component Limited. FCN-365P Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
FCN-360 Series
6
Dimensions are in millimeters (inches)
www.fujitsu.takamisawa.com
Specifications
subject to change
s PART NUMBER
FCN-36 7 J 048-AU / H
(Only for IDC)
Shape of connector cover with IDC holders
B: Close end (special)
F: Close end
H: Through end
Plating and cover specification
AU:
Gold plating
B:
Type B cover (standard)
C:
Type C cover (for cable-to-cable connection)
D:
Type D cover (with metal cable clamp)
E:
Type E cover (with long lock-screws)
F:
Type F cover (64 contacts only)
G1:
One-touch lock type (40 contacts only)
H/E: EMI protection type (40 contacts only)
J1:
Obtuse angle cable-out cover (40 contacts only)
Number of contacts
8, 16, 24, 32, 40, 48, 56, 64
Connector or parts type
A: Metal fitting
C: Cover
J: Jack
P: Plug
Tail type
0: Cover, metal fitting
1: Soldering
2: Wire-wrapping
3: Crimping
4: Straight
5: Right-angle
7: IDC
360 series connector
Fujitsu connector


Similar Part No. - FCN-365P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-365P FUJITSU-FCN-365P Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
FCN-365P016-AU ETC2-FCN-365P016-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
FCN-365P024-AU ETC2-FCN-365P024-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
FCN-365P032-AU ETC2-FCN-365P032-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
FCN-365P040-AU ETC2-FCN-365P040-AU Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
More results

Similar Description - FCN-365P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com