Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-367J Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FCN-367J
Description  RECTANGULAR CONNECTORS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-367J Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FCN-367J Datasheet HTML 1Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 2Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 3Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 4Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 5Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 6Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 7Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 8Page - Fujitsu Component Limited. FCN-367J Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Terms in Selection Table (Example)
4-2
4
Contact pitch
Denotes a pitch between adjacent contacts or
pitch between rows.
2.54 mm (0.100 in.) (pitch between adjacent
contacts) x 2.54 mm (0.100 in.) (pitch between
rows)
Number of contacts
Denotes the numbers of contacts of available
connectors.
Connection type
Denotes the connection type of the cable or PC
board connection section.
Plating
Denotes the contact plating specification.
Specifications
Operating temperature range
The connector can be used within the specified
temperature range.
Current rating
Maximum current that can flow through one
connector pin
Voltage rating
Maximum voltage that can be applied to a
connector
Contact resistance
Resistance observed at the contact part when
0.3 A (or 0.1 A) flows at 6 VDC with the connectors
mated
Insulation resistance
Resistance to the leakage current flowing through
the insulator (inside or surface of the insulator)
when 500 VDC is applied across adjacent pins of a
connector
Dielectric withstanding voltage
Applying the indicated voltage across adjacent
pins of a connector for one minute does not cause
any abnormality (damage or cracks in insulator).
Insulating material, cleaning with chlorothene
Denotes the insulating material used, and
indicates whether the insulating material can be
cleaned with chlorothene.
Part number
Some part numbers are indicated as examples.
Model
700 series
Appearance
Contact pitch
Number of contacts
Solder eyelet
(tail shape)
Wire-wrapping
(post cross section)
Crimping (applicable
AWG No.)
Straight, throughhole (PC
board hole dimensions)
Right-angle, throughhole
(PC board hole dimensions)
IDC (applicable
AWG No.)
#28, Flat cable
Plating
Gold
Silver
Tin
Operating temperature
range
Current rating
Voltage rating
Contact resistance
20 m
Ω max.
Insulation resistance
(DC 500 V)
1,000M
Ω min.
Dielectric withstanding
voltage (for 1 minute)
Insulation material
cleaning with Chlorothene
Polyester
cleaning possible
Part number (example)
Remarks
EMI protection cover
provided
2.54
× 2.54
10, 14, 16, 20, 26, 30,
34, 40, 50, 60
P
J
0.64
φ 0.8, 2.54 × 2.54
P
J
P
J
φ 0.8, 2.54 × 2.54
#28, Flat cable
–55°C to +105°C
DC 1 A
AC 250 V
(DC 6 V, 0.1 A)
AC 500 V
FCN-705P050-AU/M
FCN-707J050-AU/B


Similar Part No. - FCN-367J

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-367J FUJITSU-FCN-367J Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
FCN-367J008-AU/H ETC2-FCN-367J008-AU/H Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
FCN-367J016-AU/H ETC2-FCN-367J016-AU/H Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Omron Electronics LLC
FCN-367J024-AU OMRON-FCN-367J024-AU Datasheet
380Kb / 13P
   Screw Terminal Block Cables
logo
List of Unclassifed Man...
FCN-367J024-AU/H ETC2-FCN-367J024-AU/H Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
More results

Similar Description - FCN-367J

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
logo
List of Unclassifed Man...
FCN-363T-T011 ETC2-FCN-363T-T011 Datasheet
523Kb / 26P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com