Electronic Components Datasheet Search |
|
FIN1048 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FIN1048 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2003 Fairchild Semiconductor Corporation DS500588 www.fairchildsemi.com September 2001 Revised August 2003 FIN1048 3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver General Description This quad receiver is designed for high speed interconnect utilizing Low Voltage Differential Signaling (LVDS) technol- ogy. The receiver translates LVDS levels, with a typical dif- ferential input threshold of 100mV, to LVTTL signal levels. LVDS provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock and data. The FIN1048 can be paired with its companion driver, the FIN1047, or any other LVDS driver. Features s Greater than 400Mbs data rate s Flow-through pinout simplifies PCB layout s 3.3V power supply operation s 0.4ns maximum differential pulse skew s 2.5ns maximum propagation delay s Low power dissipation s Power-Off protection s Fail safe protection for open-circuit, shorted and termi- nated conditions s Meets or exceeds the TIA/EIA-644 LVDS standard s Pin compatible with equivalent RS-422 and LVPECL devices s 16-Lead SOIC and TSSOP packages save space Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Pin Descriptions Function Table H = HIGH Logic Level L = LOW Logic Level X = Don’t Care Z = High Impedance Fail Safe = Open, Shorted, Terminated Order Number Package Number Package Description FIN1048M M16A 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow FIN1048MTC MTC16 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Pin Name Description ROUT1, ROUT2, ROUT3, ROUT4 LVTTL Data Outputs RIN1+, RIN2+, RIN3+, RIN4+ Non-Inverting LVDS Inputs RIN1−, RIN2−, RIN3−, RIN4− Inverting LVDS Inputs EN Driver Enable Pin EN Inverting Driver Enable Pin VCC Power Supply GND Ground Inputs Outputs EN EN RIN+ ROUT− ROUT HL or Open H L H HL or Open L H L H L or Open Fail Safe Condition H XH X X Z L or Open X X X Z |
Similar Part No. - FIN1048 |
|
Similar Description - FIN1048 |